Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4872-EP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4872-EP
Description  4:1 HIGH-SPEED MULTIPLEXER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4872-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA4872-EP Datasheet HTML 6Page - Texas Instruments OPA4872-EP Datasheet HTML 7Page - Texas Instruments OPA4872-EP Datasheet HTML 8Page - Texas Instruments OPA4872-EP Datasheet HTML 9Page - Texas Instruments OPA4872-EP Datasheet HTML 10Page - Texas Instruments OPA4872-EP Datasheet HTML 11Page - Texas Instruments OPA4872-EP Datasheet HTML 12Page - Texas Instruments OPA4872-EP Datasheet HTML 13Page - Texas Instruments OPA4872-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
2.0
1.5
1.0
0.5
0
-
0.5
-
1.0
-
1.5
-
2.0
-
2.5
-
3.0
AmbientTemperature( C)
°
-
50
-
25
0
25
50
75
100
125
9
8
7
6
5
4
3
2
1
0
-
1
V
OS
I
bn
I
bi
300
100
10
1
Frequency(Hz)
10
100
1k
10k
100k
1M
10M
InvertingInputCurrentNoise(19pA/
)
Hz
Ö
InputVoltageNoise(4.5nV/
)
ÖHz
NoninvertingInputCurrentNoise(4pA/
)
ÖHz
OPA4872-EP
SBOS444 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, G = +2 V/V, RF = 523 Ω, and RL = 150 Ω, unless otherwise noted.
TYPICAL DC DRIFT OVER TEMPERATURE
INPUT VOLTAGE AND CURRENT NOISE
Figure 25.
Figure 26.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4872-EP


Similar Part No. - OPA4872-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
More results

Similar Description - OPA4872-EP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
logo
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com