Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA4872-EP Datasheet(PDF) 1 Page - Texas Instruments

Part No. OPA4872-EP
Description  4:1 HIGH-SPEED MULTIPLEXER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4872-EP Datasheet(HTML) 1 Page - Texas Instruments

  OPA4872-EP_12 Datasheet HTML 1Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 2Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 3Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 4Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 5Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 6Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 7Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 8Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
OP
A4872
1
FEATURES
APPLICATIONS
SUPPORTS DEFENSE, AEROSPACE,
DESCRIPTION
OPA4872-EP
www.ti.com........................................................................................................................................................................................... SBOS444 – DECEMBER 2008
4:1 HIGH-SPEED MULTIPLEXER
• Video Router
2
• 500-MHz Small-Signal Bandwidth
• LCD and Plasma Display
• 500-MHz, 2-V
PP Bandwidth
• High Speed PGA
• 0.1-dB Gain Flatness to 120 MHz
• Drop-In Upgrade to AD8174
• 10-ns Channel-Switching Time
• Low Switching Glitch: 40 mV
PP
• 2300-V/µs Slew Rate
AND MEDICAL APPLICATIONS
• 0.035%/0.005° Differential Gain, Phase
• Controlled Baseline
• Quiescent Current = 10.6 mA
• One Assembly/Test Site
• 1.1-mA Quiescent Current in Shutdown Mode
• One Fabrication Site
• Available in Military (–55°C/125°C),
• 88-dB Off Isolation in Disable or Shutdown
Temperature Range(1)
(10 MHz)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
(1)
Additional temperature ranges available - contact factory
The OPA4872 offers a very wideband 4:1 multiplexer in an SO-14 package. Using only 10.6 mA, the OPA4872
provides a user-settable output amplifier gain with greater than 500-MHz large-signal bandwidth (2 VPP). The
switching glitch is improved over earlier solutions using a new (patented) input stage switching approach. This
technique uses current steering as the input switch while maintaining an overall closed-loop design. The
OPA4872 exhibits an off isolation of 88dB in either Disable or Shutdown mode. With greater than 500-MHz
small-signal bandwidth at a gain of 2, the OPA4872 gives a typical 0.1-dB gain flatness to greater than 120 MHz.
System power may be optimized using the chip-enable feature for the OPA4872. Taking the chip enable (EN)
line high powers down the OPA4872 to less than 3.4 mA total supply current. Further power reduction to 1.1mA
quiescent current can be achieved by bringing the shutdown (SD) line high. Muxing multiple OPA4872s outputs
together, then using the chip enable to select which channels are active, increases the number of possible
inputs.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA4872-EP_12

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
More results

Similar Description - OPA4872-EP_12

ManufacturerPart No.DatasheetDescription
Diodes Incorporated
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Texas Instruments
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
Zetex Semiconductors
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
Texas Instruments
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
Zetex Semiconductors
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
National Semiconductor (TI)
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz