Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA4872-EP Datasheet(PDF) 7 Page - Texas Instruments

Part No. OPA4872-EP
Description  4:1 HIGH-SPEED MULTIPLEXER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4872-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA4872-EP_12 Datasheet HTML 3Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 4Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 5Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 6Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 7Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 8Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 9Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 10Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
-55
-60
-65
-70
-75
-80
-85
-90
LoadResistance( )
W
100
1k
V =2V
O
PP
f=5MHz
2nd-Harmonic
3rd-Harmonic
dBc=dBBelowCarrier
-55
-60
-65
-70
-75
-80
-85
-90
-95
SupplyVoltage( V )
± S
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2nd-Harmonic
V =2V
O
PP
R =150
L
W
f=5MHz
3rd-Harmonic
dBc=dBBelowCarrier
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
Frequency(MHz)
1
10
100
V =2V
O
PP
R =150W
L
2nd-Harmonic
3rd-Harmonic
dBc=dBBelowCarrier
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
OutputVoltageSwing(V )
PP
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
R =150
L
W
f=5MHz
2nd-Harmonic
dBc=dBBelowCarrier
3rd-Harmonic
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
OutputCurrent(mA)
-200
-100
0
100
200
300
1WInternal
PowerLimit
1WInternal
PowerLimit
100
Load
W
50
Load
W
25
Load
W
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
Frequency(Hz)
1M
10M
100M
1G
Input-referred
ShutdownFeedthrough
DisableFeedthrough
OPA4872-EP
www.ti.com........................................................................................................................................................................................... SBOS444 – DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, G = +2 V/V, RF = 523 Ω, and RL = 150 Ω, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 9.
Figure 10.
DISABLE AND SHUTDOWN FEEDTHROUGH vs
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
FREQUENCY
Figure 11.
Figure 12.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA4872-EP


Similar Part No. - OPA4872-EP_12

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
More results

Similar Description - OPA4872-EP_12

ManufacturerPart No.DatasheetDescription
Diodes Incorporated
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Texas Instruments
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
Zetex Semiconductors
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
Texas Instruments
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
Zetex Semiconductors
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
National Semiconductor (TI)
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz