Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA4872-EP Datasheet(PDF) 6 Page - Texas Instruments

Part No. OPA4872-EP
Description  4:1 HIGH-SPEED MULTIPLEXER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4872-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4872-EP_12 Datasheet HTML 2Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 3Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 4Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 5Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 6Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 7Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 8Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 9Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TYPICAL CHARACTERISTICS
7
6
5
4
3
2
1
0
Frequency(Hz)
1M
10M
100M
1G
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
V
O
PP
=500mV
R =150W
L
G=+2V/V
Bandwidth
Normalized
Flatness
6
3
0
-3
-6
-9
-12
Frequency(Hz)
1M
10M
100M
2G
1G
G=+4V/V
G=+1V/V
G=+2V/V
V =500mV
O
PP
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
Time(10ns/div)
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
R =150W
L
G=+2V/V
Large-Signal4V
PP
RightScale
Small-Signal0.4V
PP
LeftScale
7
6
5
4
3
2
1
0
-1
-2
-3
Frequency(Hz)
0
200M
400M
600M
800M
1G
V =0.5V
O
PP
V =2V
O
PP
V =4V
O
PP
V =1V
O
PP
100
90
80
70
60
50
40
30
20
10
0
CapacitiveLoad(pF)
1
10
100
1000
8
7
6
5
4
3
2
1
0
-1
-2
-3
Frequency(MHz)
1
10
100
300
R
S
C
L
1kW
(1)
V
I
V
O
NOTE:(1)Optional.
C =10pF
L
C =22pF
L
C =47pF
L
C =100pF
L
+
-
523W
523W
75W
75W
75W
75W
OPA4872-EP
SBOS444 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
At TA = +25°C, G = +2 V/V, RF = 523 Ω, and RL = 150 Ω, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
SMALL-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
LARGE-SIGNAL FREQUENCY RESPONSE
NONINVERTING PULSE RESPONSE
Figure 3.
Figure 4.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4872-EP


Similar Part No. - OPA4872-EP_12

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
More results

Similar Description - OPA4872-EP_12

ManufacturerPart No.DatasheetDescription
Diodes Incorporated
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Texas Instruments
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
Zetex Semiconductors
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
Texas Instruments
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
Zetex Semiconductors
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
National Semiconductor (TI)
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz