Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA4872-EP Datasheet(PDF) 5 Page - Texas Instruments

Part No. OPA4872-EP
Description  4:1 HIGH-SPEED MULTIPLEXER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4872-EP Datasheet(HTML) 5 Page - Texas Instruments

  OPA4872-EP_12 Datasheet HTML 1Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 2Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 3Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 4Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 5Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 6Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 7Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 8Page - Texas Instruments OPA4872-EP_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
OPA4872-EP
www.ti.com........................................................................................................................................................................................... SBOS444 – DECEMBER 2008
ELECTRICAL CHARACTERISTICS: VS = ±5 V (continued)
At TA = +25°C, G = +2 V/V, RF = 523 Ω, and RL = 150 Ω, unless otherwise noted.
MIN/MAX OVER
TYP
TEMPERATURE
–55°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C
(2)
+125°C
(3)
UNITS
MAX
LEVEL
(1)
ENABLE (EN)
Power-down supply current
VEN = 0 V
3.4
3.6
4.3
mA
max
A
Disable time
VIN = ±0.25 VDC
25
ns
typ
C
Enable time
VIN = ±0.25 VDC
6
ns
typ
C
Off isolation
G = +2 V/V, f = 10 MHz
88
dB
typ
C
Output resistance in disable
14
M
typ
C
Output capacitance in disable
2.5
pF
typ
C
DIGITAL INPUTS
Maximum logic 0
A0, A1, EN, SD
0.8
0.8
V
max
B
Minimum logic 1
A0, A1, EN, SD
2.0
2.0
V
min
B
Logic input current
A0 , A1, EN, SD, input = 0V each line
32
40
55
µA
max
A
Output switching glitch
Channel selection, at matched load
±20
mV
typ
C
Channel disable, at matched load
±40
mV
typ
C
Shutdown, at matched load
±40
mV
typ
C
SHUTDOWN
Shutdown supply current
VSD = 0 V
1.1
1.3
2.0
mA
max
A
Shutdown time
VIN = ±0.25 VDC
75
ns
typ
C
Enable time
VIN = ±0.25 VDC
15
ns
typ
C
Off isolation
G = +2 V/V, f = 10 MHz
88
dB
typ
C
Output resistance in shutdown
14
M
typ
C
Output capacitance in shutdown
2.5
pF
typ
C
POWER SUPPLY
Specified operating voltage
±5
V
typ
C
Minimum operating voltage
±3.5
±3.5
V
min
B
Maximum operating voltage
±6.0
±6.0
V
max
A
Maximum quiescent current
VS = ±5 V
10.6
11
12.5
mA
max
A
Minimum quiescent current
VS = ±5 V
10.6
10
8.25
mA
min
A
(+PSRR)
Input-referred
–56
–50
–42
dB
min
A
Power-supply rejection ratio
(–PSRR)
Input-referred
–57
–51
–43
dB
min
A
THERMAL CHARACTERISTICS
Specified operating range, D package
–55 to +125
°C
typ
C
Thermal resistance,
θ
JA
Junction-to-ambient
D
SO-14
80
°C/W
typ
C
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA4872-EP


Similar Part No. - OPA4872-EP_12

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
More results

Similar Description - OPA4872-EP_12

ManufacturerPart No.DatasheetDescription
Diodes Incorporated
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Texas Instruments
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
Zetex Semiconductors
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
Texas Instruments
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
Zetex Semiconductors
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
National Semiconductor (TI)
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz