Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2211-EP Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA2211-EP
Description  Low-Power, Precision Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2211-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2211-EP_16 Datasheet HTML 5Page - Texas Instruments OPA2211-EP_16 Datasheet HTML 6Page - Texas Instruments OPA2211-EP_16 Datasheet HTML 7Page - Texas Instruments OPA2211-EP_16 Datasheet HTML 8Page - Texas Instruments OPA2211-EP_16 Datasheet HTML 9Page - Texas Instruments OPA2211-EP_16 Datasheet HTML 10Page - Texas Instruments OPA2211-EP_16 Datasheet HTML 11Page - Texas Instruments OPA2211-EP_16 Datasheet HTML 12Page - Texas Instruments OPA2211-EP_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
2.25
150
-150
V ( V)
±
S
18
4
6
100
8
10
50
12
14
16
-IB
+I
B
Unit1
Unit2
Unit3
3TypicalUnitsShown
0
-50
-100
1
150
-150
V
(V)
CM
35
5
10
100
15
20
25
30
0
-100
50
-50
Common-ModeRange
-IB
+I
B
Unit1
Unit2
Unit3
V =36V
3TypicalUnitsShown
S
2.25
100
-100
V ( V)
±
S
18
20
4
6
40
60
80
8
10
12
14
16
0
-20
-40
-60
-80
5TypicalUnitsShown
1
100
-100
V
(V)
CM
35
75
5
10
15
20
25
30
0
-75
50
25
-25
-50
Common-ModeRange
V =36V
3TypicalUnitsShown
S
0
12
-
12
Time(s)
60
4
10
20
30
6
8
10
20TypicalUnitsShown
2
0
-
2
-
4
-
6
-
8
-
10
40
50
2000
1500
1000
500
0
-500
-1000
-1500
-2000
(V )+1.0
-
(V )+1.5
-
(V )+2.0
-
(V+) 1.5
-
(V+) 1.0
-
(V+) 0.5
-
V
(V)
CM
OPA2211-EP
www.ti.com
SBOS761 – NOVEMBER 2015
Typical Characteristics (continued)
At TJ = 25°C, VS = ±18 V, and RL = 10 kΩ, unless otherwise noted.
Figure 13. Offset Voltage vs Common-Mode Voltage
Figure 14. VOS Warmup
Figure 15. Input Offset Current vs Supply Voltage
Figure 16. Input Offset Current vs Common-Mode Voltage
Figure 17. Input Bias Current vs Supply Voltage
Figure 18. Input Bias Current vs Common-Mode Voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA2211-EP


Similar Part No. - OPA2211-EP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2211-EP TI-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   OPA2211-EP 1.1-nV/?숰z Noise, Low-Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
More results

Similar Description - OPA2211-EP_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
PM1012 AD-PM1012 Datasheet
75Kb / 4P
   Low Power Precision Operational Amplifier
REV. C
logo
Texas Instruments
OPA211 TI1-OPA211_15 Datasheet
1Mb / 45P
[Old version datasheet]   Low Power, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA21 BURR-BROWN-OPA21 Datasheet
300Kb / 6P
   Low-Power Precision OPERATIONAL AMPLIFIER
logo
Analog Devices
OP97 AD-OP97_07 Datasheet
616Kb / 16P
   Low Power, High Precision Operational Amplifier
Rev. F
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Analog Devices
OP-97 AD-OP-97 Datasheet
470Kb / 10P
   LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1722 ADL-ALD1722 Datasheet
100Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Analog Devices
OP97 AD-OP97 Datasheet
363Kb / 12P
   Low-Power, High-Precision Operational Amplifier
REV. D
logo
Advanced Linear Devices
ALD1722 ALD-ALD1722 Datasheet
112Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
ALD1732A ALD-ALD1732A Datasheet
90Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com