Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPT3006YMFT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPT3006YMFT
Description  OPT3006 Ultra-Thin Ambient Light Sensor
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPT3006YMFT Datasheet(HTML) 5 Page - Texas Instruments

  OPT3006YMFT Datasheet HTML 1Page - Texas Instruments OPT3006YMFT Datasheet HTML 2Page - Texas Instruments OPT3006YMFT Datasheet HTML 3Page - Texas Instruments OPT3006YMFT Datasheet HTML 4Page - Texas Instruments OPT3006YMFT Datasheet HTML 5Page - Texas Instruments OPT3006YMFT Datasheet HTML 6Page - Texas Instruments OPT3006YMFT Datasheet HTML 7Page - Texas Instruments OPT3006YMFT Datasheet HTML 8Page - Texas Instruments OPT3006YMFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
OPT3006
www.ti.com
SBOS698 – OCTOBER 2016
Product Folder Links: OPT3006
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Refers to a control field within the configuration register.
(2)
Tested with the white LED calibrated to 2k lux and an 850-nm LED.
(3)
Characterized by measuring fixed near-full-scale light levels on the higher adjacent full-scale range setting.
(4)
PSRR is the percent change of the measured lux output from its current value, divided by the change in power supply voltage, as
characterized by results from 3.6-V and 1.6-V power supplies.
(5)
The conversion time, from start of conversion until the data are ready to be read, is the integration time plus 3 ms.
(6)
The specified leakage current is dominated by the production test equipment limitations. Typical values are much smaller.
6.5 Electrical Characteristics
At TA = 25°C, VDD = 3.3 V, 800-ms conversion time (CT = 1)
(1), automatic full-scale range (RN[3:0] = 1100b(1)), white LED,
and normal-angle incidence of light, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPTICAL
Peak irradiance spectral responsivity
550
nm
Resolution (LSB)
Lowest full-scale range, RN[3:0] = 0000b(1)
0.01
lux
Full-scale illuminance
83865.6
lux
Measurement output result
0.64 lux per ADC code, 2620.80 lux full-scale
(RN[3:0] = 0110)(1), 2000 lux input(2)
2500
3125
3750
ADC codes
1600
2000
2400
lux
Relative accuracy between gain
ranges(3)
0.2%
Infrared response (850 nm)(2)
0.2%
Light source variation
(incandescent, halogen, fluorescent)
Bare device, no cover glass
4%
Linearity
Input illuminance > 40 lux
2%
Input illuminance < 40 lux
5%
Measurement drift across temperature
Input illuminance = 2000 lux
0.01
%/°C
Dark condition, ADC output
0.01 lux per ADC code
0
3
ADC codes
0
0.03
lux
Half-power angle
50% of full-power reading
44
degrees
PSRR
Power-supply rejection ratio
VDD at 3.6 V and 1.6 V
0.1
%/V(4)
POWER SUPPLY
VDD
Operating range
1.6
3.6
V
VI²C
Operating range of I2C pull-up resistor
I2C pull-up resistor, VDD ≤ VI²C
1.6
5.5
V
IQ
Quiescent current
Dark
Active, VDD = 3.6 V
1.8
2.5
µA
Shutdown (M[1:0] = 00)(1),
VDD = 3.6 V
0.3
0.47
µA
Full-scale lux
Active, VDD = 3.6 V
3.7
µA
Shutdown,
(M[1:0] = 00)(1)
0.4
µA
POR
Power-on-reset threshold
TA = 25°C
0.8
V
DIGITAL
I/O pin capacitance
3
pF
Total integration time(5)
(CT = 1)(1), 800-ms mode, fixed lux range
720
800
880
ms
(CT = 0)(1), 100-ms mode, fixed lux range
90
100
110
ms
VIL
Low-level input voltage
(SDA, SCL, and ADDR)
0
0.3 × VDD
V
VIH
High-level input voltage
(SDA, SCL, and ADDR)
0.7 × VDD
5.5
V
IIL
Low-level input current
(SDA, SCL, and ADDR)
0.01
0.25(6)
µA
VOL
Low-level output voltage
(SDA and INT)
IOL= 3 mA
0.32
V
IZH
Output logic high, high-Z leakage
current (SDA, INT)
Pin at VDD
0.01
0.25(6)
µA
TEMPERATURE
Specified temperature range
–40
85
°C


Similar Part No. - OPT3006YMFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3001 TI-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001 TI1-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

Similar Description - OPT3006YMFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3007 TI1-OPT3007 Datasheet
1Mb / 39P
[Old version datasheet]   OPT3007 Ultra-Thin Ambient Light Sensor
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com