Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC400-3224Q0001KI1T Datasheet(PDF) 5 Page - Microchip Technology

Part # DSC400-3224Q0001KI1T
Description  Configurable Four Output, Low Jitter Crystal-less??Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC400-3224Q0001KI1T Datasheet(HTML) 5 Page - Microchip Technology

  DSC400-3224Q0001KI1T Datasheet HTML 1Page - Microchip Technology DSC400-3224Q0001KI1T Datasheet HTML 2Page - Microchip Technology DSC400-3224Q0001KI1T Datasheet HTML 3Page - Microchip Technology DSC400-3224Q0001KI1T Datasheet HTML 4Page - Microchip Technology DSC400-3224Q0001KI1T Datasheet HTML 5Page - Microchip Technology DSC400-3224Q0001KI1T Datasheet HTML 6Page - Microchip Technology DSC400-3224Q0001KI1T Datasheet HTML 7Page - Microchip Technology DSC400-3224Q0001KI1T Datasheet HTML 8Page - Microchip Technology DSC400-3224Q0001KI1T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005612A-page 5
DSC400
3.0
OPERATIONAL DESCRIPTION
The DSC400 is a crystal-less™ clock generator. Unlike
older clock generators in the industry, it does not
require an external crystal to operate; it relies on the
integrated MEMS resonator that interfaces with internal
PLLs. This technology enhances performance and
reliability by allowing tighter frequency stability over a
far wider temperature range. In addition, the higher
resistance to shock and vibration decreases the aging
rate to allow for much improved product life in the
system.
3.1
Inputs
There are four input signals in the device. Each has an
internal (40 kΩ) pull-up to default the selection to a high
(1). Inputs can be controlled through hardware
strapping method with a resistor to ground to assert the
input low (0). Inputs may also be controlled by other
components’ GPIOs
In case more than one frequency set is desired, FSB1
and FSB2 are used to independently select one of two
sets per bank. FSB1 selects the pre-configured set on
Bank1 (CLK0 and CLK3) and FSB2 selects the
pre-configured set on Bank2 (CLK1 and CLK2), as
shown in Table 1-1 in the Product Identification System
section.
If there is a requirement to disable outputs, the inputs
OE1 and OE2 are used in conjunction to disable the
banks of outputs. Outputs are disabled in tri-state (Hi-Z)
mode. See Table 3-1 for more information.
3.2
Outputs
The four outputs are grouped into two banks. Each
bank is supplied by an independent VDD to allow for
optimized noise isolation between the two banks. Each
bank provides two synchronous outputs generated by
a common PLL:
• Bank1 is composed of outputs CLK0 and CLK3.
• Bank2 is composed of outputs CLK1 and CLK2.
Each output may be pre-configured independently to
be one of the following formats: LVCMOS, LVDS,
LVPECL or HCSL. In case the output is configured to
be single-ended LVCMOS, the frequency is generated
on the true output (CLKx+) and the complement output
(CLKx–) is shut off in a low state. Frequencies can be
chosen from 2.3 MHz to 460 MHz for differential
outputs and from 2.3 MHz to 170 MHz on LVCMOS
outputs.
3.3
Power
VDD1 and VDD2 supply the power to banks 1 and 2
respectively. Each VDD may each have a different
supply voltage from the other as long as it is within the
2.25V to 3.6V range. Each VDD pin should have a
0.1 µF capacitor to filter high-frequency noise. VSS is
common to the entire device.
TABLE 3-1:
OUTPUT ENABLE
SELECTION TABLE
OE1
OE2
Bank 1
(CLK0 & CLK3)
Bank 2
(CLK1 & CLK2)
0
0
Hi-Z
Hi-Z
0
1
Hi-Z
Running
1
0
Running
Hi-Z
1
1
Running
Running


Similar Part No. - DSC400-3224Q0001KI1T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC400-3224Q0001KI1T MICREL-DSC400-3224Q0001KI1T Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
More results

Similar Description - DSC400-3224Q0001KI1T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC400 MICREL-DSC400 Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
logo
Microchip Technology
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com