Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAPL138EZCEA3R Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OMAPL138EZCEA3R
Description  OMAP-L138 C6000 DSP ARM Processor
Download  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAPL138EZCEA3R Datasheet(HTML) 8 Page - Texas Instruments

Back Button OMAPL138EZCEA3R Datasheet HTML 4Page - Texas Instruments OMAPL138EZCEA3R Datasheet HTML 5Page - Texas Instruments OMAPL138EZCEA3R Datasheet HTML 6Page - Texas Instruments OMAPL138EZCEA3R Datasheet HTML 7Page - Texas Instruments OMAPL138EZCEA3R Datasheet HTML 8Page - Texas Instruments OMAPL138EZCEA3R Datasheet HTML 9Page - Texas Instruments OMAPL138EZCEA3R Datasheet HTML 10Page - Texas Instruments OMAPL138EZCEA3R Datasheet HTML 11Page - Texas Instruments OMAPL138EZCEA3R Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 286 page
background image
OMAP-L138
SPRS586I – JUNE 2009 – REVISED SEPTEMBER 2014
www.ti.com
3
Device Overview
3.1
Device Characteristics
Table 3-1 provides an overview of the device. The table shows significant features of the device, including
the capacity of on-chip RAM, peripherals, and the package type with pin count.
Table 3-1. Characteristics of OMAP-L138
HARDWARE FEATURES
OMAP-L138
DDR2, 16-bit bus width, up to 156 MHz
DDR2/mDDR Memory Controller
Mobile DDR, 16-bit bus width, up to 150 MHz
Asynchronous (8/16-bit bus width) RAM, Flash,
EMIFA
16-bit SDRAM, NOR, NAND
Flash Card Interface
2 MMC and SD cards supported
64 independent channels, 16 QDMA channels,
EDMA3
2 channel controllers, 3 transfer controllers
4 64-Bit General Purpose (each configurable as 2 separate
Timers
32-bit timers, one configurable as Watch Dog)
UART
3 (each with RTS and CTS flow control)
SPI
2 (Each with one hardware chip select)
I2C
2 (both Master/Slave)
Peripherals
Multichannel Audio Serial Port [McASP]
1 (each with transmit/receive, FIFO buffer, 16 serializers)
Not all peripherals pins
Multichannel Buffered Serial Port [McBSP]
2 (each with transmit/receive, FIFO buffer, 16)
are available at the
same time (for more
10/100 Ethernet MAC with Management Data I/O
1 (MII or RMII Interface)
detail, see the Device
4 Single Edge, 4 Dual Edge Symmetric, or
Configurations section). eHRPWM
2 Dual Edge Asymmetric Outputs
eCAP
3 32-bit capture inputs or 3 32-bit auxiliary PWM outputs
UHPI
1 (16-bit multiplexed address/data)
USB 2.0 (USB0)
High-Speed OTG Controller with on-chip OTG PHY
USB 1.1 (USB1)
Full-Speed OHCI (as host) with on-chip PHY
General-Purpose Input/Output Port
9 banks of 16-bit
LCD Controller
1
SATA Controller
1 (Supports both SATA I and SATAII)
Universal Parallel Port (uPP)
1
Video Port Interface (VPIF)
1 (video in and video out)
PRU Subsystem (PRUSS)
2 Programmable PRU Cores
Size (Bytes)
488KB RAM
DSP
32KB L1 Program (L1P)/Cache (up to 32KB)
32KB L1 Data (L1D)/Cache (up to 32KB)
256KB Unified Mapped RAM/Cache (L2)
DSP Memories can be made accessible to ARM, EDMA3,
and other peripherals.
On-Chip Memory
Organization
ARM
16KB I-Cache
16KB D-Cache
8KB RAM (Vector Table)
64KB ROM
ADDITIONAL SHARED MEMORY
128KB RAM
Security
Secure Boot
TI Basic Secure Boot
C674x CPU ID + CPU
Control Status Register (CSR.[31:16])
0x1400
Rev ID
C674x Megamodule
Revision ID Register (MM_REVID[15:0])
0x0000
Revision
JTAG BSDL_ID
DEVIDR0 Register
see Section 6.34.4.1, JTAG Peripheral Register Description
8
Device Overview
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP-L138


Similar Part No. - OMAPL138EZCEA3R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAPL138AZCE3 TI-OMAPL138AZCE3 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAPL138AZCE3 TI-OMAPL138AZCE3 Datasheet
2Mb / 268P
[Old version datasheet]   Low-Power Applications Processor
OMAPL138AZWT3 TI-OMAPL138AZWT3 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAPL138B TI1-OMAPL138B Datasheet
1Mb / 282P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI1-OMAPL138B-EP Datasheet
1Mb / 282P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
More results

Similar Description - OMAPL138EZCEA3R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP-L138 TI-OMAP-L138_15 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000??DSP ARM짰 Processor
OMAP-L138 TI1-OMAP-L138_11 Datasheet
1Mb / 287P
[Old version datasheet]   OMAP-L138 C6-Integra DSPARM Processor
MAY2011
OMAP-L132 TI1-OMAP-L132 Datasheet
1Mb / 227P
[Old version datasheet]   OMAP-L132 C6-Integra DSPARM Processor
OMAP-L138_0908 TI-OMAP-L138_0908 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138 Datasheet
2Mb / 255P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L132 TI1-OMAP-L132_14 Datasheet
1Mb / 232P
[Old version datasheet]   DSP ARM Processor
OMAPL138B-EP TI-OMAPL138B-EP_15 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI1-OMAPL138B-EP_16 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSP ARM Processor
OMAPL138B-EP TI1-OMAPL138B-EP Datasheet
1Mb / 282P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL137CZKBT3 TI1-OMAPL137CZKBT3 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com