Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAPL138BGWTMEP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OMAPL138BGWTMEP
Description  OMAPL138B C6-Integra DSP ARM Processor
Download  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAPL138BGWTMEP Datasheet(HTML) 4 Page - Texas Instruments

  OMAPL138BGWTMEP Datasheet HTML 1Page - Texas Instruments OMAPL138BGWTMEP Datasheet HTML 2Page - Texas Instruments OMAPL138BGWTMEP Datasheet HTML 3Page - Texas Instruments OMAPL138BGWTMEP Datasheet HTML 4Page - Texas Instruments OMAPL138BGWTMEP Datasheet HTML 5Page - Texas Instruments OMAPL138BGWTMEP Datasheet HTML 6Page - Texas Instruments OMAPL138BGWTMEP Datasheet HTML 7Page - Texas Instruments OMAPL138BGWTMEP Datasheet HTML 8Page - Texas Instruments OMAPL138BGWTMEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 284 page
background image
OMAPL138B-EP
SPRS815C – DECEMBER 2011 – REVISED APRIL 2013
www.ti.com
1.3
Description
The OMAPL138B C6-Integra™ DSP+ARM® processor is a low-power applications processor based on an
ARM926EJ-S™ and a C674x DSP core. It provides significantly lower power than other members of the
TMS320C6000™ platform of DSPs.
The device enables OEMs and ODMs to quickly bring to market devices featuring robust operating
systems support, rich user interfaces, and high processing performance life through the maximum
flexibility of a fully integrated mixed processor solution.
The dual-core architecture of the device provides benefits of both DSP and Reduced Instruction Set
Computer (RISC) technologies, incorporating a high-performance TMS320C674x DSP core and an
ARM926EJ-S core.
The ARM926EJ-S is a 32-bit RISC processor core that performs 32-bit or 16-bit instructions and
processes 32-bit, 16-bit, or 8-bit data. The core uses pipelining so that all parts of the processor and
memory system can operate continuously.
The ARM core has a coprocessor 15 (CP15), protection module, and Data and program Memory
Management Units (MMUs) with table look-aside buffers. It has separate 16K-byte instruction and 16K-
byte data caches. Both are four-way associative with virtual index virtual tag (VIVT). The ARM core also
has a 8KB RAM (Vector Table) and 64KB ROM.
The device DSP core uses a two-level cache-based architecture. The Level 1 program cache (L1P) is a
32KB direct mapped cache and the Level 1 data cache (L1D) is a 32KB 2-way set-associative cache. The
Level 2 program cache (L2P) consists of a 256KB memory space that is shared between program and
data space. L2 memory can be configured as mapped memory, cache, or combinations of the two.
Although the DSP L2 is accessible by ARM and other hosts in the system, an additional 128KB RAM
shared memory is available for use by other hosts without affecting DSP performance.
For security enabled devices, TI’s Basic Secure Boot allows users to protect proprietary intellectual
property and prevents external entities from modifying user-developed algorithms. By starting from a
hardware-based “root-of-trust”, the secure boot flow guarantees a known good starting point for code
execution. By default, the JTAG port is locked down to prevent emulation and debug attacks but can be
enabled during the secure boot process during application development. The boot modules themselves
are encrypted while sitting in external non-volatile memory, such as flash or EEPROM, and are decrypted
and authenticated when loaded during secure boot. This protects the users’ IP and enables them to
securely set up the system and begin device operation with known, trusted code. Basic Secure Boot
utilizes either SHA-1 or SHA-256, and AES-128 for boot image validation. It also uses AES-128 for boot
image encryption. The secure boot flow employs a multi-layer encryption scheme which not only protects
the boot process but offers the ability to securely upgrade boot and application software code. A 128-bit
device-specific cipher key, known only to the device and generated using a NIST-800-22 certified random
number generator, is used to protect user encryption keys. When an update is needed, the customer
creates a new encrypted image using its encryption keys. Then the device can acquire the image via an
external interface, such as Ethernet, and overwrite the existing code. For more details on the supported
security features or TI’s Basic Secure Boot, refer to the TMS320C674x/OMAP-L1x Processor Security
User’s Guide (SPRUGQ9).
The peripheral set includes: a 10/100 Mb/s Ethernet MAC (EMAC) with a Management Data Input/Output
(MDIO) module; one USB2.0 OTG interface; one USB1.1 OHCI interface; two inter-integrated circuit (I2C)
Bus interfaces; one multichannel audio serial port (McASP) with 16 serializers and FIFO buffers; two
multichannel buffered serial ports (McBSP) with FIFO buffers; two SPI interfaces with multiple chip
selects; four 64-bit general-purpose timers each configurable (one configurable as watchdog); a
configurable 16-bit host port interface (HPI) ; up to 9 banks of 16 pins of general-purpose input/output
(GPIO) with programmable interrupt/event generation modes, multiplexed with other peripherals; three
4
OMAPL138B C6-Integra™ DSP+ARM® Processor
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAPL138B-EP


Similar Part No. - OMAPL138BGWTMEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAPL138B TI1-OMAPL138B Datasheet
1Mb / 282P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI1-OMAPL138B-EP Datasheet
1Mb / 282P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI-OMAPL138B-EP Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI-OMAPL138B-EP_15 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138BZCE3 TI1-OMAPL138BZCE3 Datasheet
1Mb / 287P
[Old version datasheet]   OMAP-L138 C6-Integra DSPARM Processor
MAY2011
More results

Similar Description - OMAPL138BGWTMEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAPL138B-EP TI-OMAPL138B-EP_15 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI1-OMAPL138B-EP Datasheet
1Mb / 282P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAP-L132 TI1-OMAP-L132 Datasheet
1Mb / 227P
[Old version datasheet]   OMAP-L132 C6-Integra DSPARM Processor
OMAP-L138 TI1-OMAP-L138_11 Datasheet
1Mb / 287P
[Old version datasheet]   OMAP-L138 C6-Integra DSPARM Processor
MAY2011
TMS320C6A8167 TI-TMS320C6A8167 Datasheet
1Mb / 280P
[Old version datasheet]   TMS320C6A816x Integra DSPARM Processors
OMAP-L132 TI1-OMAP-L132_14 Datasheet
1Mb / 232P
[Old version datasheet]   DSP ARM Processor
OMAP-L138 TI1-OMAP-L138_16 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000 DSP ARM Processor
logo
List of Unclassifed Man...
SAM5504B ETC1-SAM5504B Datasheet
947Kb / 51P
   AUDIO & MUSIC MULTI-DSP PROCESSOR
SAM5716B ETC1-SAM5716B Datasheet
1Mb / 89P
   AUDIO & MUSIC MULTI-DSP PROCESSOR
SAM5704B ETC1-SAM5704B Datasheet
1Mb / 89P
   AUDIO & MUSIC MULTI-DSP PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com