Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX4090 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX4090
Description  3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX4090 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3V/5V, 6dB Video Buffer with Sync-Tip Clamp
and 150nA Shutdown Current
6
_______________________________________________________________________________________
SMALL-SIGNAL PULSE RESPONSE
MAX4090 toc19
VOUT
50mV/div
VIN
25mV/div
10ns/div
Typical Operating Characteristics (continued)
(VCC = 3.0V, GND = 0V, FB shorted to OUT, CIN = 0.1µF, RIN = 75
Ω to GND, RL = 150Ω to GND, SHDN = VCC, TA = +25°C, unless
otherwise noted.)
DIFFERENTIAL GAIN AND PHASE
-1.0
-2.0
0
1.0
2.0
0123456
0123456
-0.5
-1.0
0
0.5
1.0
Pin Description
Typical Application Circuit
MAX4090
CLAMP
IN
OUT
FB
GND
VCC
SHDN
RL
RIN
PIN
NAME
FUNCTION
1
OUT
Video Output
2
GND
Ground
3IN
Video Input
4VCC
Power-Supply Voltage. Bypass with a 0.1µF
capacitor to ground as close to pin as
possible.
5
SHDN
Shutdown. Pull SHDN low to place the
MAX4090 in low-power shutdown mode.
6FB
Feedback. Connect to OUT.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn