Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX4090 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX4090
Description  3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX4090 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4090 Datasheet HTML 1Page - Maxim Integrated Products MAX4090 Datasheet HTML 2Page - Maxim Integrated Products MAX4090 Datasheet HTML 3Page - Maxim Integrated Products MAX4090 Datasheet HTML 4Page - Maxim Integrated Products MAX4090 Datasheet HTML 5Page - Maxim Integrated Products MAX4090 Datasheet HTML 6Page - Maxim Integrated Products MAX4090 Datasheet HTML 7Page - Maxim Integrated Products MAX4090 Datasheet HTML 8Page - Maxim Integrated Products MAX4090 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3V/5V, 6dB Video Buffer with Sync-Tip Clamp
and 150nA Shutdown Current
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.0V, GND = 0V, FB shorted to OUT, CIN = 0.1µF, RIN = 75
Ω to GND, RL = 150Ω to GND, SHDN = VCC, TA = +25°C, unless
otherwise noted.)
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-5
-4
-3
-2
-1
0
1
2
3
-6
100k
100M
AV = 2
VCC = 3V
VOUT = 100mVP-P
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.6
100k
100M
AV = 2
VCC = 3V
VOUT = 100mVP-P
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-5
-4
-3
-2
-1
0
1
2
3
-6
100k
100M
AV = 2
VCC = 5V
VOUT = 100mVP-P
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.6
100k
100M
AV = 2
VCC = 5V
VOUT = 100mVP-P
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-5
-4
-3
-2
-1
0
1
2
3
-6
100k
100M
AV = 2
VCC = 3V
VOUT = 2VP-P
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.6
100k
100M
AV = 2
VCC = 3V
VOUT = 2VP-P
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-5
-4
-3
-2
-1
0
1
2
3
-6
100k
100M
AV = 2
VCC = 5V
VOUT = 2VP-P
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.6
100k
100M
AV = 2
VCC = 5V
VOUT = 2VP-P
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
100k
-70
-60
-50
-40
-30
-20
-10
0
-80
10k
100M
VCC = 3V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn