Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX4090 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX4090
Description  3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX4090 Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX4090 3V/5V, 6dB video buffer with sync-tip
clamp, and low-power shutdown mode is available in
tiny SOT23 and SC70 packages. The MAX4090 is
designed to drive DC-coupled, 150
Ω back-terminated
video loads in portable video applications such as digi-
tal still cams, portable DVD players, digital camcorders,
PDAs, video-enabled cell phones, portable game sys-
tems, and notebook computers. The input clamp posi-
tions the video waveform at the output and allows the
MAX4090 to be used as a DC-coupled output driver.
The MAX4090 operates from a single 2.7V to 5.5V sup-
ply and consumes only 6.5mA of supply current. The
low-power shutdown mode reduces the supply current
to 150nA, making the MAX4090 ideal for low-voltage,
battery-powered video applications.
The MAX4090 is available in tiny 6-pin SOT23 and
SC70 packages and is specified over the extended
-40
°C to +85°C temperature range.
Applications
Portable Video/Game Systems/DVD Players
Digital Camcorders/Televisions/Still Cameras
PDAs
Video-Enabled Cell Phones
Notebook Computers
Portable/Flat-Panel Displays
Features
♦ Single-Supply Operation from 2.7V to 5.5V
♦ Input Sync-Tip Clamp
♦ DC-Coupled Output
♦ Low-Power Shutdown Mode Reduces Supply
Current to 150nA
♦ Available in Space-Saving SOT23 and SC70
Packages
3V/5V, 6dB Video Buffer with Sync-Tip Clamp
and 150nA Shutdown Current
________________________________________________________________ Maxim Integrated Products
1
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4090EXT-T
-40°C to +85°C
6 SC70-6
ABM
MAX4090EUT-T
-40°C to +85°C
6 SOT23-6
ABOX
Ordering Information
GND
VCC
IN
16
FB
5
SHDN
OUT
MAX4090
SC70/SOT23
TOP VIEW
2
34
Pin Configuration
19-2813; Rev 2; 8/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
MAX4090
CLAMP
1.2k
2.3k
580
780
IN
OUT
FB
SHDN
GND
VCC
TOP VIEW
Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn