Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAP5912 Datasheet(PDF) 4 Page - Texas Instruments

Part # OMAP5912
Description  OMAP5912 Applications Processor
Download  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP5912 Datasheet(HTML) 4 Page - Texas Instruments

  OMAP5912_16 Datasheet HTML 1Page - Texas Instruments OMAP5912_16 Datasheet HTML 2Page - Texas Instruments OMAP5912_16 Datasheet HTML 3Page - Texas Instruments OMAP5912_16 Datasheet HTML 4Page - Texas Instruments OMAP5912_16 Datasheet HTML 5Page - Texas Instruments OMAP5912_16 Datasheet HTML 6Page - Texas Instruments OMAP5912_16 Datasheet HTML 7Page - Texas Instruments OMAP5912_16 Datasheet HTML 8Page - Texas Instruments OMAP5912_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 270 page
background image
Revision History
4
December 2003 − Revised December 2005
SPRS231E
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
61
Table 2−4, ZZG Package Terminal Characteristics:
− E18: updated MUX CTRL SETTING column
− J20: updated SUPPLY column
− M18: updated MUX CTRL SETTING column
− N20: added row for RTDX.D[3]
− M15: added row for RTDX.D[2]
− P19: changed “MCBSP3.ESX” to “MCBSP3.FSX”
− P20: added row for SPIF.DIN
− M14: added row for RTDX.D[0]
− added row for TDO signal (Ball AA19)
− P14: updated MUX CTRL SETTING column
− V11: updated MUX CTRL SETTING column
− Y1: updated MUX CTRL SETTING column
− K8: updated RESET STATE column
− M4: updated MUX CTRL SETTING column
− M7: updated PULLUP/PULLDN column
− added “Slew time constraint of the EXT_DMA_REQ1 must be lower than or equal to 10 ns (from 10% to 90% of DVDD) in
Mode 1.” footnote
− added “Slew time constraint of the EXT_DMA_REQ0 must be lower than or equal to 10 ns (from 10% to 90% of DVDD) in
Mode 1.” footnote
81
Table 2−5, Signal Descriptions:
− CAMERA INTERFACE section: added CAM.EXCLK signal
− TDO signal: added Ball T15 for ZDY/GDY package
added Ball AA19 for ZZG package
− MPU_BOOT signal: updated DESCRIPTION
− added “GPIO13 is used to select between full and fast boot. Set GPIO13 high to boot from the USB peripheral. Set
GPIO13 low to boot from external flash on CS3.” footnote
100
Figure 3−1, OMAP5912 Functional Block Diagram:
− moved Camera I/F from the block on the right to the left under the memory interface traffic controller block
104
Section 3.2.1, MPU Global Memory Map:
− updated “CS1 and CS2 can be split by software to provide ...” NOTE
135
Table 3−29, McBSP2 Registers:
− added DSP WORD ADDRESS column
138
Table 3−35, I2C1 Registers:
− added DSP WORD ADDRESS column
140
Table 3−38, MMC/SDIO2 Registers:
− added DSP WORD ADDRESS column
142
Table 3−40, MPU GPIO3 Registers:
− added DSP WORD ADDRESS column
143
Table 3−41, MPU GPIO4 Registers:
− added DSP WORD ADDRESS column
148
Table 3−47, McBSP1 Registers:
− updated addresses of MCBSP1_RCERB through MCBSP1_REV registers
151
Table 3−50, McBSP3 Registers:
− updated addresses of MCBSP1_RCERB through MCBSP3_REV registers
153
Table 3−51:
− changed title from “MPU UART TIPB Bus Switch Registers” to “MPU TIPB Bus Switch Registers”


Similar Part No. - OMAP5912_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP5912ZZG TI-OMAP5912ZZG Datasheet
2Mb / 269P
[Old version datasheet]   This data sheet revision history highlights the technical changes made to SPRS231D to generate SPRS231E
More results

Similar Description - OMAP5912_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM3730 TI-DM3730_10 Datasheet
2Mb / 268P
[Old version datasheet]   Applications Processor
OMAP3515 TI-OMAP3515_08 Datasheet
3Mb / 262P
[Old version datasheet]   Applications Processor
OMAP3530 TI-OMAP3530_08 Datasheet
3Mb / 264P
[Old version datasheet]   Applications Processor
OMAP3515 TI-OMAP3515 Datasheet
2Mb / 227P
[Old version datasheet]   Applications Processor
OMAP5912 TI-OMAP5912 Datasheet
2Mb / 254P
[Old version datasheet]   Applications Processor
OMAP3530 TI-OMAP3530 Datasheet
2Mb / 230P
[Old version datasheet]   Applications Processor
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
logo
Texas Instruments
DRA78 TI1-DRA78 Datasheet
3Mb / 282P
[Old version datasheet]   Infotainment Applications Processor
DRA722 TI1-DRA722_17 Datasheet
5Mb / 408P
[Old version datasheet]   Infotainment Applications Processor
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com