Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAP3525DZCBCA Datasheet(PDF) 6 Page - Texas Instruments

Part # OMAP3525DZCBCA
Description  OMAP3525-HiRel and OMAP3530-HiRel Applications Processor
Download  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3525DZCBCA Datasheet(HTML) 6 Page - Texas Instruments

Back Button OMAP3525DZCBCA Datasheet HTML 2Page - Texas Instruments OMAP3525DZCBCA Datasheet HTML 3Page - Texas Instruments OMAP3525DZCBCA Datasheet HTML 4Page - Texas Instruments OMAP3525DZCBCA Datasheet HTML 5Page - Texas Instruments OMAP3525DZCBCA Datasheet HTML 6Page - Texas Instruments OMAP3525DZCBCA Datasheet HTML 7Page - Texas Instruments OMAP3525DZCBCA Datasheet HTML 8Page - Texas Instruments OMAP3525DZCBCA Datasheet HTML 9Page - Texas Instruments OMAP3525DZCBCA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 262 page
background image
OMAP3525-HiRel, OMAP3530-HiRel
SPRS599D – JUNE 2009 – REVISED AUGUST 2010
www.ti.com
Table 1-1. Differences Between CBB, CBC, and CUS Packages (continued)
FEATURE
CBB PACKAGE
CBC PACKAGE
CUS PACKAGE
A maximum of 170 GPIO pins
are supported.
The following GPIO pins are not
available: gpio_112, gpio_113,
gpio_114, gpio_115, gpio_52,
gpio_53, gpio_63, gpio_64,
gpio_144, gpio_145, gpio_146,
A maximum of 188 GPIO pins
A maximum of 188 GPIO pins
GPIO
gpio_147, gpio_152, gpio_153,
are supported.
are supported.
gpio_154, gpio_155, gpio_175,
and gpio_176.
Pin muxing restricts the total
number of GPIO pins available at
one time. For more details, see ,
Multiplexing Characteristics (CUS
Pkg.).
This OMAP3525 and OMAP3530 Applications Processor data manual presents the electrical and
mechanical specifications for the OMAP3525 and OMAP3530 Applications Processor. The information
contained in this data manual applies to both the commercial and extended temperature versions of the
OMAP3525/30 Applications Processor unless otherwise indicated. It consists of the following sections:
A description of the OMAP3525 and OMAP3530 terminals: assignment, electrical characteristics,
multiplexing, and functional description (Section 2)
A presentation of the electrical characteristics requirements: power domains, operating conditions,
power consumption, and dc characteristics (Section 3)
The clock specifications: input and output clocks, DPLL and DLL (Section 4)
The video DAC specification (Section 5)
The timing requirements and switching characteristics (ac timings) of the interfaces (Section 6)
A description of thermal characteristics, device nomenclature, and mechanical data about the available
packaging (Section 7)
6
OMAP3525-HiRel and OMAP3530-HiRel Applications Processor
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): OMAP3525-HiRel OMAP3530-HiRel


Similar Part No. - OMAP3525DZCBCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3525DZCBC TI-OMAP3525DZCBC Datasheet
3Mb / 239P
[Old version datasheet]   OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
More results

Similar Description - OMAP3525DZCBCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3525-HIREL TI-OMAP3525-HIREL Datasheet
3Mb / 239P
[Old version datasheet]   OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
OMAP3530 TI1-OMAP3530_15 Datasheet
2Mb / 265P
[Old version datasheet]   OMAP3530 and OMAP3525 Applications Processors
OMAP3503-HIREL TI1-OMAP3503-HIREL Datasheet
2Mb / 329P
[Old version datasheet]   OMAP3503-HiRel Applications Processor
logo
Siemens Semiconductor G...
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
logo
Siemens Semiconductor G...
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
logo
Texas Instruments
SM320C6457-HIREL TI1-SM320C6457-HIREL Datasheet
1Mb / 209P
[Old version datasheet]   SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
SM320C6748-HIREL TI1-SM320C6748-HIREL Datasheet
1Mb / 266P
[Old version datasheet]   SM320C6748-HIREL Fixed- and Floating-Point Digital Signal Processor
logo
Actel Corporation
A1020B-2PLG44I ACTEL-A1020B-2PLG44I Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-PG84M ACTEL-A1020B-PG84M Datasheet
1Mb / 98P
   HiRel FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com