Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAP3503DCBBA Datasheet(PDF) 2 Page - Texas Instruments

Part # OMAP3503DCBBA
Description  OMAP3515 and OMAP3503 Applications Processors
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3503DCBBA Datasheet(HTML) 2 Page - Texas Instruments

  OMAP3503DCBBA Datasheet HTML 1Page - Texas Instruments OMAP3503DCBBA Datasheet HTML 2Page - Texas Instruments OMAP3503DCBBA Datasheet HTML 3Page - Texas Instruments OMAP3503DCBBA Datasheet HTML 4Page - Texas Instruments OMAP3503DCBBA Datasheet HTML 5Page - Texas Instruments OMAP3503DCBBA Datasheet HTML 6Page - Texas Instruments OMAP3503DCBBA Datasheet HTML 7Page - Texas Instruments OMAP3503DCBBA Datasheet HTML 8Page - Texas Instruments OMAP3503DCBBA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 264 page
background image
OMAP3515, OMAP3503
SPRS505H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
HD Maximum Resolution
– Three Master and Slave High-Speed Inter-
Integrated Circuit (I2C) Controllers
Supports Up to 2 LCD Panels
• Removable Media Interfaces:
Support for Remote Frame Buffer
Interface (RFBI) LCD Panels
– Three Multimedia Card (MMC)/Secure Digital
(SD) with Secure Data I/O (SDIO)
– 2 10-Bit Digital-to-Analog Converters (DACs)
Supporting:
• Comprehensive Power, Reset, and Clock
Management
Composite NTSC and PAL Video
– SmartReflex™ Technology
Luma and Chroma Separate Video (S-
Video)
– Dynamic Voltage and Frequency Scaling
(DVFS)
– Rotation 90-, 180-, and 270-Degrees
• Test Interfaces
– Resize Images From 1/4x to 8x
– IEEE 1149.1 (JTAG) Boundary-Scan
– Color Space Converter
Compatible
– 8-Bit Alpha Blending
– ETM Interface
• Serial Communication
– Serial Data Transport Interface (SDTI)
– 5 Multichannel Buffered Serial Ports
• 12 32-Bit General-Purpose Timers
(McBSPs)
• 2 32-Bit Watchdog Timers
512-Byte Transmit and Receive Buffer
(McBSP1, McBSP3, McBSP4, and
• 1 32-Bit 32-kHz Sync Timer
McBSP5)
• Up to 188 General-Purpose I/O (GPIO) Pins
5-KB Transmit and Receive Buffer
(Multiplexed with Other Device Functions)
(McBSP2)
• 65-nm CMOS Technologies
SIDETONE Core Support (McBSP2 and
• Package-On-Package (POP) Implementation for
McBSP3 Only) For Filter, Gain, and Mix
Memory Stacking (Not Available in CUS
Operations
Package)
Direct Interface to I2S and PCM Device
• Discrete Memory Interface (Not Available in
and TDM Buses
CBC Package)
128-Channel Transmit and Receive Mode
• Packages:
– Four Master or Slave Multichannel Serial
– 515-pin s-PBGA Package (CBB Suffix),
Port Interface (McSPI) Ports
.5-mm Ball Pitch (Top), .4-mm Ball Pitch
– High-, Full-, and Low-Speed USB OTG
(Bottom)
Subsystem (12- and 8-Pin ULPI Interface)
– 515-pin s-PBGA Package (CBC Suffix),
– High-, Full-, and Low-Speed Multiport USB
.65-mm Ball Pitch (Top), .5-mm Ball Pitch
Host Subsystem
(Bottom)
12- and 8-Pin ULPI Interface or 6-, 4-, and
– 423-pin s-PBGA Package (CUS Suffix),
3-Pin Serial Interface
.65-mm Ball Pitch
Supports Transceiverless Link Logic
• 1.8-V I/O and 3.0-V (MMC1 Only),
(TLL)
0.985-V to 1.35-V Adaptive Processor Core
Voltage
– One HDQ™/1-Wire® Interface
0.985-V to 1.35-V Adaptive Core Logic Voltage
– Three UARTs (One with Infrared Data
Note: These are default Operating Performance
Association [IrDA] and Consumer Infrared
Point (OPP) voltages and could be optimized to
[CIR] Modes)
lower values using SmartReflex AVS.
1.2
Applications
Portable Navigation Devices
Portable Media Player
Digital Video Camera
Portable Data Collection
Point-of-Sale Devices
Gaming
Web Tablet
Smart White Goods
Smart Home Controllers
2
OMAP3515 and OMAP3503 Applications Processors
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3515 OMAP3503


Similar Part No. - OMAP3503DCBBA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3503DCBBA TI-OMAP3503DCBBA Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
More results

Similar Description - OMAP3503DCBBA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3503DCBBA TI-OMAP3503DCBBA Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
OMAP3515DCUS TI1-OMAP3515DCUS Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
OMAP3503-HIREL TI1-OMAP3503-HIREL Datasheet
2Mb / 329P
[Old version datasheet]   OMAP3503-HiRel Applications Processor
OMAP3515DCBC TI1-OMAP3515DCBC Datasheet
3Mb / 264P
[Old version datasheet]   OMAP3515/03 Applications Processor
OMAP3530 TI1-OMAP3530_15 Datasheet
2Mb / 265P
[Old version datasheet]   OMAP3530 and OMAP3525 Applications Processors
logo
Freescale Semiconductor...
IMX53AEC FREESCALE-IMX53AEC Datasheet
2Mb / 178P
   Automotive and Infotainment Applications Processors
logo
Texas Instruments
OMAP3515 TI1-OMAP3515_17 Datasheet
2Mb / 263P
[Old version datasheet]   Applications Processors
OMAP3530 TI1-OMAP3530_17 Datasheet
2Mb / 265P
[Old version datasheet]   Applications Processors
OMAP3530 TI1-OMAP3530_14 Datasheet
2Mb / 266P
[Old version datasheet]   Applications Processors
logo
Freescale Semiconductor...
MCIMX53XA FREESCALE-MCIMX53XA Datasheet
1Mb / 180P
   i.MX53xA Automotive and Infotainment Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com