Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5161 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5161
Description  Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5161 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5161 Datasheet HTML 3Page - Texas Instruments LM5161 Datasheet HTML 4Page - Texas Instruments LM5161 Datasheet HTML 5Page - Texas Instruments LM5161 Datasheet HTML 6Page - Texas Instruments LM5161 Datasheet HTML 7Page - Texas Instruments LM5161 Datasheet HTML 8Page - Texas Instruments LM5161 Datasheet HTML 9Page - Texas Instruments LM5161 Datasheet HTML 10Page - Texas Instruments LM5161 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Input Voltage (V)
15
20
25
30
35
40
45
50
55
60
11.88
11.9
11.92
11.94
11.96
11.98
12
12.02
12.04
12.06
12.08
12.1
12.12
Ext-VCC
FPWM = 1
IOUT = 0 A
IOUT = 0.5 A
IOUT = 1 A
Input Voltage (V)
0
2
4
6
8
10
12
14
0
2
4
6
8
Load Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
75
80
85
90
95
100
Ext-VCC
Int-VCC
FPWM = 1
VIN = 24 V
VIN = 48 V
VIN = 60 V
Input Voltage (V)
15
20
25
30
35
40
45
50
55
60
60
70
80
90
100
FPWM = 1
IOUT = 1 A
IOUT = 0.5 A
Load Current (A)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
50
60
70
80
90
100
FPWM = 0
VIN = 4.5 V
VIN = 12 V
VIN = 24 V
Load Current (A)
0.025
0.05 0.07
0.1
0.2
0.3 0.4 0.5
0.7
1
20
30
40
50
60
70
80
90
100
FPWM = 0
FPWM = 1
VIN = 36 V
VIN = 48 V
VIN = 60 V
7
LM5161-Q1
www.ti.com
SNVSAF9 – AUGUST 2016
Product Folder Links: LM5161-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Typical Characteristics
At TA = 25°C and applicable to LM5161-Q1 unless otherwise noted.
VOUT= 3.3 V
RON= 110 kΩ
FPWM = 0
Figure 1. Efficiency at 300 kHz
VOUT= 5 V
RON= 169 kΩ
L=47 µH
Figure 2. Efficiency at 300 kHz
VOUT = 12 V
RON = 402 kΩ
FPWM = 0
L = 100 µH
Figure 3. Efficiency at 300 kHz
VOUT = 12 V
RON = 402 kΩ
FPWM = 1
L = 100 µH
Figure 4. Efficiency at 300 kHz
VOUT = 12 V
RON = 300 kΩ
FPWM = 1
L = 100 µH
Figure 5. Line Regulation
Figure 6. VCC vs. VIN


Similar Part No. - LM5161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5161 TI1-LM5161 Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5161PWP TI1-LM5161PWP Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5161PWPR TI1-LM5161PWPR Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5161PWPT TI1-LM5161PWPT Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
More results

Similar Description - LM5161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5161 TI1-LM5161 Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5160-Q1 TI1-LM5160-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input 65V 1.5A Synchronous Buck / Fly-Buck Converter
LM5160A TI1-LM5160A Datasheet
1Mb / 28P
[Old version datasheet]   Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
LM5160-Q1 TI-LM5160-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5160-Q1 Wide Input 65-V, 1.5-A Synchronous Buck / Fly-Buck??Converter
LM5160A TI-LM5160A_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM5160A, LM5160 Wide Input 65-V, 1.5-A Synchronous Buck / Fly-Buck??Converter
logo
ON Semiconductor
NCP3102 ONSEMI-NCP3102 Datasheet
1Mb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3102C ONSEMI-NCP3102C Datasheet
487Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
February, 2011 -- Rev. 0
NCP3101 ONSEMI-NCP3101 Datasheet
595Kb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. P0
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com