Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK04208 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04208
Description  Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04208 Datasheet(HTML) 89 Page - Texas Instruments

Back Button LMK04208 Datasheet HTML 85Page - Texas Instruments LMK04208 Datasheet HTML 86Page - Texas Instruments LMK04208 Datasheet HTML 87Page - Texas Instruments LMK04208 Datasheet HTML 88Page - Texas Instruments LMK04208 Datasheet HTML 89Page - Texas Instruments LMK04208 Datasheet HTML 90Page - Texas Instruments LMK04208 Datasheet HTML 91Page - Texas Instruments LMK04208 Datasheet HTML 92Page - Texas Instruments LMK04208 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 138 page
background image
89
LMK04208
www.ti.com
SNAS684 – SEPTEMBER 2016
Product Folder Links: LMK04208
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.6.3.14 Register 27
8.6.3.14.1
PLL1_CP_POL, PLL1 Charge Pump Polarity
PLL1_CP_POL sets the charge pump polarity for PLL1. Many VCXOs use positive slope.
A positive slope VCXO increases output frequency with increasing voltage. A negative slope VCXO decreases
output frequency with increasing voltage.
Table 93. PLL1_CP_POL
R27[28]
DESCRIPTION
0
Negative Slope VCO/VCXO
1
Positive Slope VCO/VCXO
8.6.3.14.2
PLL1_CP_GAIN, PLL1 Charge Pump Current
This bit programs the PLL1 charge pump output current level. Table 94 also illustrates the impact of the PLL1
TRI-STATE bit in conjunction with PLL1_CP_GAIN.
Table 94. PLL1_CP_GAIN, 2 Bits
R26[27:26]
PLL1_CP_TRI
R27[5]
CHARGE PUMP CURRENT (µA)
X
1
Hi-Z
0 (0x00)
0
100
1 (0x01)
0
200
2 (0x02)
0
400
3 (0x03)
0
1600
8.6.3.14.3
CLKinX_PreR_DIV
The pre-R dividers before the PLL1 R divider can be programmed such that when the active clock input is
switched, the frequency at the input of the PLL1 R divider will be the same. This allows PLL1 to stay in lock
without needing to re-program the PLL1 R register when different clock input frequencies are used. This is
especially useful in the auto CLKin switching modes.
Table 95. CLKinX_PreR_DIV Programming Addresses
CLKinX_PreR_DIV
PROGRAMMING ADDRESS
CLKin1_PreR_DIV
R27[23:22]
CLKin0_PreR_DIV
R27[21:20]
Table 96. CLKinX_PreR_DIV, 2 Bits
R27[23:22, 21:20]
DIVIDE
0 (0x00)
1
1 (0x01)
2
2 (0x02)
4
3 (0x03)
8


Similar Part No. - LMK04208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04228 TI1-LMK04228 Datasheet
1Mb / 91P
[Old version datasheet]   LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
LMK04228NKDR TI1-LMK04228NKDR Datasheet
1Mb / 91P
[Old version datasheet]   LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
LMK04228NKDT TI1-LMK04228NKDT Datasheet
1Mb / 91P
[Old version datasheet]   LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
logo
Taiyo Yuden (U.S.A.), I...
LMK042B7101C TAIYO-YUDEN-LMK042B7101C Datasheet
766Kb / 23P
   Notice for TAIYO YUDEN products Please read this notice before using the TAIYO YUDEN products.
LMK042B7101C-W TAIYO-YUDEN-LMK042B7101C-W Datasheet
805Kb / 28P
   Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - LMK04208

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
Texas Instruments
LMK04816 TI1-LMK04816_14 Datasheet
2Mb / 77P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04800 TI1-LMK04800 Datasheet
985Kb / 91P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04906 TI1-LMK04906_14 Datasheet
1Mb / 71P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI1-LMK04826B_14 Datasheet
2Mb / 104P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04816BISQE TI-LMK04816BISQE Datasheet
1Mb / 123P
[Old version datasheet]   LMK04816 Three Input Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI-LMK04826B Datasheet
2Mb / 101P
[Old version datasheet]   LMK0482xB Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04832 TI1-LMK04832 Datasheet
386Kb / 8P
[Old version datasheet]   LMK04832 Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04228 TI1-LMK04228 Datasheet
1Mb / 91P
[Old version datasheet]   LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
logo
National Semiconductor ...
LMK04000 NSC-LMK04000 Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com