Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK04208 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04208
Description  Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04208 Datasheet(HTML) 82 Page - Texas Instruments

Back Button LMK04208 Datasheet HTML 78Page - Texas Instruments LMK04208 Datasheet HTML 79Page - Texas Instruments LMK04208 Datasheet HTML 80Page - Texas Instruments LMK04208 Datasheet HTML 81Page - Texas Instruments LMK04208 Datasheet HTML 82Page - Texas Instruments LMK04208 Datasheet HTML 83Page - Texas Instruments LMK04208 Datasheet HTML 84Page - Texas Instruments LMK04208 Datasheet HTML 85Page - Texas Instruments LMK04208 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 138 page
background image
82
LMK04208
SNAS684 – SEPTEMBER 2016
www.ti.com
Product Folder Links: LMK04208
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.6.3.8 Register 15
8.6.3.8.1
MAN_DAC
Sets the DAC value when in manual DAC mode in ~3.2 mV steps.
Table 73. MAN_DAC, 10 Bits
R15[31:22]
DAC VOLTAGE
0 (0x00)
0 × Vcc / 1023
1 (0x01)
1 × Vcc / 1023
2 (0x02)
2 × Vcc / 1023
...
...
1023 (0x3FF)
1023 × Vcc / 1023
8.6.3.8.2
EN_MAN_DAC
This bit enables the manual DAC mode.
Table 74. EN_MAN_DAC
R15[20]
DAC MODE
0
Automatic
1
Manual
8.6.3.8.3
HOLDOVER_DLD_CNT
Lock must be valid for this many clocks of PLL1 PDF before holdover mode is exited.
Table 75. HOLDOVER_DLD_CNT, 14 Bits
R15[19:6]
EXIT COUNTS
0 (0x00)
Reserved
1 (0x01)
1
2 (0x02)
2
...
...
16,383 (0x3FFF)
16,383
8.6.3.8.4
FORCE_HOLDOVER
This bit forces the holdover mode.
When holdover is forced, if in fixed CPout1 mode (EN_TRACK = 0 or 1, EN_MAN_DAC = 1) , then the DAC will
set the programmed MAN_DAC value. If in tracked CPout1 mode (EN_TRACK = 1, EN_MAN_DAC = 0,
EN_VTUNE_RAIL_DET = 0), then the DAC will set the current tracked DAC value.
Setting FORCE_HOLDOVER does not constitute a clock input switch event unless DISABLE_DLD1_DET = 0,
since when in holdover mode, PLL1_DLD = 0 will trigger the clock input switch event.
Table 76. FORCE_HOLDOVER
R15[5]
HOLDOVER
0
Disabled
1
Enabled


Similar Part No. - LMK04208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04228 TI1-LMK04228 Datasheet
1Mb / 91P
[Old version datasheet]   LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
LMK04228NKDR TI1-LMK04228NKDR Datasheet
1Mb / 91P
[Old version datasheet]   LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
LMK04228NKDT TI1-LMK04228NKDT Datasheet
1Mb / 91P
[Old version datasheet]   LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
logo
Taiyo Yuden (U.S.A.), I...
LMK042B7101C TAIYO-YUDEN-LMK042B7101C Datasheet
766Kb / 23P
   Notice for TAIYO YUDEN products Please read this notice before using the TAIYO YUDEN products.
LMK042B7101C-W TAIYO-YUDEN-LMK042B7101C-W Datasheet
805Kb / 28P
   Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - LMK04208

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
Texas Instruments
LMK04816 TI1-LMK04816_14 Datasheet
2Mb / 77P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04800 TI1-LMK04800 Datasheet
985Kb / 91P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04906 TI1-LMK04906_14 Datasheet
1Mb / 71P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI1-LMK04826B_14 Datasheet
2Mb / 104P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04816BISQE TI-LMK04816BISQE Datasheet
1Mb / 123P
[Old version datasheet]   LMK04816 Three Input Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI-LMK04826B Datasheet
2Mb / 101P
[Old version datasheet]   LMK0482xB Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04832 TI1-LMK04832 Datasheet
386Kb / 8P
[Old version datasheet]   LMK04832 Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04228 TI1-LMK04228 Datasheet
1Mb / 91P
[Old version datasheet]   LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
logo
National Semiconductor ...
LMK04000 NSC-LMK04000 Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com