Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5161QPWPTQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5161QPWPTQ1
Description  Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5161QPWPTQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5161QPWPTQ1 Datasheet HTML 5Page - Texas Instruments LM5161QPWPTQ1 Datasheet HTML 6Page - Texas Instruments LM5161QPWPTQ1 Datasheet HTML 7Page - Texas Instruments LM5161QPWPTQ1 Datasheet HTML 8Page - Texas Instruments LM5161QPWPTQ1 Datasheet HTML 9Page - Texas Instruments LM5161QPWPTQ1 Datasheet HTML 10Page - Texas Instruments LM5161QPWPTQ1 Datasheet HTML 11Page - Texas Instruments LM5161QPWPTQ1 Datasheet HTML 12Page - Texas Instruments LM5161QPWPTQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
160
1.98
1.985
1.99
1.995
2
2.005
2.01
2.015
2.02
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
160
1.5
1.75
2
2.25
2.5
Input Voltage (V)
15
20
25
30
35
40
45
50
55
60
65
70
75
0
200
400
600
800
1000
RON = 402K:
RON = 169K:
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
160
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
Rising
Falling
Input Voltage (V)
0
20
40
60
80
100
0
10
20
30
40
50
60
Input Voltage (V)
0
20
40
60
80
100
1
1.5
2
2.5
3
3.5
4
9
LM5161-Q1
www.ti.com
SNVSAF9 – AUGUST 2016
Product Folder Links: LM5161-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C and applicable to LM5161-Q1 unless otherwise noted.
Figure 13. Shutdown Current vs. VIN
VFB = 3 V
Figure 14. IIN vs. VIN (Operating, Non Switching)
Figure 15. Voltage at RON pin vs. Input Voltage
VIN = 48 V
Figure 16. Gate Drive UVLO vs. Temperature
VIN = 48 V
Figure 17. Reference Voltage vs. Temperature
VIN = 48 V
Figure 18. Input Operating Current vs. Temperature


Similar Part No. - LM5161QPWPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5161 TI1-LM5161 Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5161PWP TI1-LM5161PWP Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5161PWPR TI1-LM5161PWPR Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5161PWPT TI1-LM5161PWPT Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
More results

Similar Description - LM5161QPWPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5161 TI1-LM5161 Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5160-Q1 TI1-LM5160-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input 65V 1.5A Synchronous Buck / Fly-Buck Converter
LM5160A TI1-LM5160A Datasheet
1Mb / 28P
[Old version datasheet]   Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
LM5160-Q1 TI-LM5160-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5160-Q1 Wide Input 65-V, 1.5-A Synchronous Buck / Fly-Buck??Converter
LM5160A TI-LM5160A_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM5160A, LM5160 Wide Input 65-V, 1.5-A Synchronous Buck / Fly-Buck??Converter
logo
ON Semiconductor
NCP3102 ONSEMI-NCP3102 Datasheet
1Mb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3102C ONSEMI-NCP3102C Datasheet
487Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
February, 2011 -- Rev. 0
NCP3101 ONSEMI-NCP3101 Datasheet
595Kb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. P0
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com