Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5161-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5161-Q1
Description  Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5161-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LM5161-Q1 Datasheet HTML 1Page - Texas Instruments LM5161-Q1 Datasheet HTML 2Page - Texas Instruments LM5161-Q1 Datasheet HTML 3Page - Texas Instruments LM5161-Q1 Datasheet HTML 4Page - Texas Instruments LM5161-Q1 Datasheet HTML 5Page - Texas Instruments LM5161-Q1 Datasheet HTML 6Page - Texas Instruments LM5161-Q1 Datasheet HTML 7Page - Texas Instruments LM5161-Q1 Datasheet HTML 8Page - Texas Instruments LM5161-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
LM5161-Q1
SNVSAF9 – AUGUST 2016
www.ti.com
Product Folder Links: LM5161-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6 Specifications
6.1 Absolute Maximum Ratings
MIN
MAX
UNIT
Input voltage
VIN to AGND
–0.3
100
V
EN/UVLO to AGND
–0.3
100
RON to AGND
–0.3
100
BST to AGND
–0.3
114
VCC to AGND
–0.3
14
FPWM to AGND
–0.3
14
SS to AGND
–0.3
7
FB to AGND
–0.3
7
Output voltage
BST to SW
–0.3
14
V
BST to VCC
100
SW to AGND
–1.5
100
SW to AGND (20 ns transient)
–3
Lead Temperature(4)
200
°C
Maximum Junction Temperature(3)
–40
150
Storage temperature Tstg
–65
150
°C
(1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions . Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3) High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
(4) For detailed information on soldering plastic SO PowerPAD package, refer to the SNOA549 available from Texas Instruments. Maximum
solder time not to exceed 4 seconds.
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification. Level listed above is
the passing level per ANSI/ESDA/JEDEC JS-001. JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a
standard ESD control process.
6.2 ESD Ratings: LM5161-Q1
VALUE
UNIT
V(ESD)
Human body model (HBM), per AEC Q100-002(1)
±2000
V
Charged device model (CDM), per AEC Q100-011
±750
V
(1)
Operating Ratings are conditions under the device is intended to be functional. For specifications and test conditions, see Electrical
Characteristics
(2)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
6.3 Recommended Operating Conditions
(1)
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN input voltage
4.5
100
V
IO output current
1
A
External VCC bias voltage
9
13
V
Operating junction temperature(2)
–40
150
°C


Similar Part No. - LM5161-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5161 TI1-LM5161 Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5161PWP TI1-LM5161PWP Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5161PWPR TI1-LM5161PWPR Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5161PWPT TI1-LM5161PWPT Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
More results

Similar Description - LM5161-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5161 TI1-LM5161 Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5160-Q1 TI1-LM5160-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input 65V 1.5A Synchronous Buck / Fly-Buck Converter
LM5160A TI1-LM5160A Datasheet
1Mb / 28P
[Old version datasheet]   Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
LM5160-Q1 TI-LM5160-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5160-Q1 Wide Input 65-V, 1.5-A Synchronous Buck / Fly-Buck??Converter
LM5160A TI-LM5160A_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM5160A, LM5160 Wide Input 65-V, 1.5-A Synchronous Buck / Fly-Buck??Converter
logo
ON Semiconductor
NCP3102 ONSEMI-NCP3102 Datasheet
1Mb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3102C ONSEMI-NCP3102C Datasheet
487Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
February, 2011 -- Rev. 0
NCP3101 ONSEMI-NCP3101 Datasheet
595Kb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. P0
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com