Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC400-3243Q0001KI1T Datasheet(PDF) 4 Page - Microchip Technology

Part # DSC400-3243Q0001KI1T
Description  Configurable Four Output, Low Jitter Crystal-less??Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC400-3243Q0001KI1T Datasheet(HTML) 4 Page - Microchip Technology

  DSC400-3243Q0001KI1T Datasheet HTML 1Page - Microchip Technology DSC400-3243Q0001KI1T Datasheet HTML 2Page - Microchip Technology DSC400-3243Q0001KI1T Datasheet HTML 3Page - Microchip Technology DSC400-3243Q0001KI1T Datasheet HTML 4Page - Microchip Technology DSC400-3243Q0001KI1T Datasheet HTML 5Page - Microchip Technology DSC400-3243Q0001KI1T Datasheet HTML 6Page - Microchip Technology DSC400-3243Q0001KI1T Datasheet HTML 7Page - Microchip Technology DSC400-3243Q0001KI1T Datasheet HTML 8Page - Microchip Technology DSC400-3243Q0001KI1T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DSC400
DS20005612A-page 4
 2016 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
FIGURE 2-1:
Pin Configuration, 20-Pin QFN (5.0 mm x 3.2 mm)
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Pin Type
Description
1
OE1
I
Output Enable for Bank1 (CLK0 and CLK3); Active-High. See
Table 3-1.
2
NC
N/A
Leave unconnected or connect to ground.
3VSS
PWR
Ground.
4VSS
PWR
Ground.
5
CLK0–
O
Complement output of differential pair 0 (off when in LVCMOS format).
6
CLK0+
O
True output of differential pair 0 or LVCMOS output 0.
7
CLK1–
O
Complement output of differential pair 1 (off when in LVCMOS format).
8
CLK1+
O
True output of differential pair 1 or LVCMOS output 1.
9VDD2
PWR
Power Supply for Bank2 (CLK1 and CLK2).
10
FSB2
I
Input for selecting pre-configured frequencies on Bank2 (CLK1 and
CLK2).
11
OE2
I
Output Enable for Bank2 (CLK1 and CLK2); Active-High. See
Table 3-1.
12
NC
N/A
Leave unconnected or connect to ground.
13
VSS
PWR
Ground.
14
VSS
PWR
Ground.
15
CLK2–
O
Complement output of differential pair 2 (off when in LVCMOS format).
16
CLK2+
O
True output of differential pair 2 or LVCMOS output 2.
17
CLK3–
O
Complement output of differential pair 3 (off when in LVCMOS format).
18
CLK3+
O
True output of differential pair 3 or LVCMOS output 3.
19
VDD1
PWR
Power Supply for Bank1 (CLK0 and CLK3).
20
FSB1
I
Input for selecting pre-configured frequencies on Bank1 (CLK0 and
CLK3).
OE2
11
NC
VSS
VSS
13
12
14
VSS
4
VSS
NC
OE1
2
3
1
5
7
68
9
10
15
17
16
18
19
20


Similar Part No. - DSC400-3243Q0001KI1T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC400-3243Q0001KI1T MICREL-DSC400-3243Q0001KI1T Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
More results

Similar Description - DSC400-3243Q0001KI1T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC400 MICREL-DSC400 Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
logo
Microchip Technology
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com