Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD13380F3T Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CSD13380F3T
Description  12-V N-Channel FemtoFET MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13380F3T Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD13380F3T Datasheet HTML 5Page - Texas Instruments CSD13380F3T Datasheet HTML 6Page - Texas Instruments CSD13380F3T Datasheet HTML 7Page - Texas Instruments CSD13380F3T Datasheet HTML 8Page - Texas Instruments CSD13380F3T Datasheet HTML 9Page - Texas Instruments CSD13380F3T Datasheet HTML 10Page - Texas Instruments CSD13380F3T Datasheet HTML 11Page - Texas Instruments CSD13380F3T Datasheet HTML 12Page - Texas Instruments CSD13380F3T Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2X (0.15)
(0.4)
2X (0.25)
2X (0.2)
(0.4)
(0.5)
(0.15)
(R
) TYP
0.05
(0.175)
PKG
1
2
SYMM
3
2X SOLDER MASK EDGE
2X (0.25)
2X (0.15)
0.05 MIN
ALL AROUND
TYP
(0.4)
(0.35)
(0.15)
(0.5)
(0.175)
(R
) TYP
0.05
PKG
1
2
SYMM
3
SOLDER MASK
OPENING
TYP
METAL UNDER
SOLDER MASK
TYP
9
CSD13380F3
www.ti.com
SLPS593 – OCTOBER 2016
Product Folder Links: CSD13380F3
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.2 Recommended Minimum PCB Layout
(1)
All dimensions are in millimeters.
7.3 Recommended Stencil Pattern
(1)
All dimensions are in millimeters.


Similar Part No. - CSD13380F3T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
572Kb / 9P
[Old version datasheet]   CSD13381F4, 12 V N-Channel FemtoFET MOSFET
CSD13381F4T TI1-CSD13381F4T Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13383F4 TI1-CSD13383F4 Datasheet
764Kb / 13P
[Old version datasheet]   N-Channel FemtoFET MOSFET
CSD13383F4T TI1-CSD13383F4T Datasheet
764Kb / 13P
[Old version datasheet]   N-Channel FemtoFET MOSFET
More results

Similar Description - CSD13380F3T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13383F4 12 V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
572Kb / 9P
[Old version datasheet]   CSD13381F4, 12 V N-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com