Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2564CRVMT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2564CRVMT
Description  CC2564C Dual-Mode Bluetooth Controller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2564CRVMT Datasheet(HTML) 1 Page - Texas Instruments

  CC2564CRVMT Datasheet HTML 1Page - Texas Instruments CC2564CRVMT Datasheet HTML 2Page - Texas Instruments CC2564CRVMT Datasheet HTML 3Page - Texas Instruments CC2564CRVMT Datasheet HTML 4Page - Texas Instruments CC2564CRVMT Datasheet HTML 5Page - Texas Instruments CC2564CRVMT Datasheet HTML 6Page - Texas Instruments CC2564CRVMT Datasheet HTML 7Page - Texas Instruments CC2564CRVMT Datasheet HTML 8Page - Texas Instruments CC2564CRVMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CC2564C
SWRS199A – APRIL 2016 – REVISED NOVEMBER 2016
CC2564C Dual-Mode Bluetooth® Controller
1
Device Overview
1
1.1
Features
1
• TI's Single-Chip Bluetooth® Solution With
Bluetooth Basic Rate (BR), Enhanced Data Rate
(EDR), and Low Energy (LE) Support
• Bluetooth 4.2 Component Qualified (Declaration
ID: D032801); Compliant up to the HCI Layer
• Highly Optimized for Size-Constrained and Low-
Cost Designs:
– Single-Ended 50-Ω RF Interface
– Package Footprint: 76 Terminals, 0.6-mm Pitch,
8-mm × 8-mm (VQFNP-MR)
• BR and EDR Features Include:
– Up to Seven Active Devices
– Scatternet: Up to Three Piconets
Simultaneously, One as Master and Two as
Slaves
– Up to Two Synchronous Connection Oriented
(SCO) Links on the Same Piconet
– Support for All Voice Air-Coding—Continuously
Variable Slope Delta (CVSD), A-Law, µ-Law,
Modified Subband Coding (mSBC), and
Transparent (Uncoded)
– Provide an Assisted Mode for HFP 1.6
Wideband Speech (WBS) Profile or A2DP
Profile to Reduce Host Processing and Power
– Support of Multiple Bluetooth Profiles With
Enhanced QoS
• Low Energy Features Include:
– Multiple Sniff Instances Tightly Coupled to
Achieve Minimum Power Consumption
– Independent Buffering for Low Energy Allows
Large Numbers of Multiple Connections Without
Affecting BR or EDR Performance
– Built-In Coexistence and Prioritization Handling
for BR, EDR, and Low Energy
– Capabilities of Link Layer Topology
Scatternet—Can Act Concurrently as Peripheral
and Central
– Network Support for up to 10 Devices
– Time Line Optimization Algorithms to Achieve
Maximum Channel Utliization
• Best-in-Class Bluetooth (RF) Performance (TX
Power, RX Sensitivity, Blocking)
– Class 1 TX Power up to +12 dBm
– Internal Temperature Detection and
Compensation to Ensure Minimal Variation in
RF Performance Over Temperature, No
External Calibration Required
– Improved Adaptive Frequency Hopping (AFH)
Algorithm With Minimum Adaptation Time
– Longer Range, Including Twice the Range of
Other Low-Energy-Only Solutions
• Advanced Power Management for Extended
Battery Life and Ease of Design
– On-Chip Power Management, Including Direct
Connection to Battery
– Low Power Consumption for Active, Standby,
and Scan Bluetooth Modes
– Shutdown and Sleep Modes to Minimize Power
Consumption
• Physical Interfaces:
– UART Interface With Support for Maximum
Bluetooth Data Rates
UART Transport Layer (H4) With Maximum
Rate of 4 Mbps
Three-Wire UART Transport Layer (H5) With
Maximum Rate of 4 Mbps
– Fully Programmable Digital Pulse-Code
Modulation (PCM)–Inter-IC Sound (I2S) Codec
Interface
• Flexibility for Easy Stack Integration and Validation
Into MCUs and MPUs
• CC256x Bluetooth Hardware Evaluation Tool:
PC-Based Application to Evaluate RF Performance
of the Device and Configure Service Pack
1.2
Applications
Wireless Audio Solutions
mPOS
Medical Devices
Set-Top Boxes (STBs)
Wearable Devices
Sensor Hub, Sensor Gateway
Home and Factory Automation


Similar Part No. - CC2564CRVMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2564 TI1-CC2564 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2564 TI1-CC2564 Datasheet
1Mb / 52P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2564 TI1-CC2564 Datasheet
1Mb / 53P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2564-BLUEBRIDGE TI-CC2564-BLUEBRIDGE Datasheet
35Kb / 3P
[Old version datasheet]   Bluetooth 4.0 Low Energy Embedded Dual Mode Module from Stonestreet One and BlueRadio - BR-LE4.0-D2
CC2564-PAN1326 TI1-CC2564-PAN1326 Datasheet
27Kb / 2P
[Old version datasheet]   Dual Mode Bluetooth짰 Smart Ready
More results

Similar Description - CC2564CRVMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2560A TI1-CC2560A Datasheet
1Mb / 52P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2560A TI1-CC2560A_18 Datasheet
1Mb / 53P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2560A TI1-CC2560A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC256X TI1-CC256X_13 Datasheet
1Mb / 51P
[Old version datasheet]   Bluetooth and Dual-Mode Controller
logo
Microchip Technology
BM78 MICROCHIP-BM78_V01 Datasheet
3Mb / 60P
   Bluetooth® Dual-Mode Module
2016-2019
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
   Bluetooth Baseband Controller
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
   Bluetooth Baseband Controller
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
   Bluetooth baseband controller
Rev. 01-23 April 2004
logo
Panasonic Semiconductor
PAN1026 PANASONIC-PAN1026 Datasheet
388Kb / 2P
   Dual Mode, Place and Play Bluetooth Module
logo
IOGEAR
GBU522 IOGEAR-GBU522 Datasheet
154Kb / 3P
   Mini USB Dual-Mode Bluetooth 4.0 Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com