Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV817 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTV817
Description  HIgh Density Mounting Type Photocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV817 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTV817 Datasheet HTML 1Page - Lite-On Technology Corporation LTV817 Datasheet HTML 2Page - Lite-On Technology Corporation LTV817 Datasheet HTML 3Page - Lite-On Technology Corporation LTV817 Datasheet HTML 4Page - Lite-On Technology Corporation LTV817 Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
12-112
Absolute Maximum Ratings
(Ta=25
)
Parameter
Symbol
Rating
Unit
Input
Output
Total Power Dissipation
Operating Temperature
Storage Temperature
*1.Isolation Voltage
*2.Soldering Temperature
Forward Current
Reverse Voltage
Power Dissipation
Collector-Emitter Voltage
Emitter-Collector Voltage
Collector Current
Collector Power Dissipation
IF
VR
P
VCEO
VECO
IC
PC
Ptot
Topr
Tstg
Viso
Tsol
50
6
70
35
6
50
150
200
-30~+100
-55~+125
5
260
mA
V
mW
V
V
mA
mW
mW
KVrms
*1. AC for 1 minute, R.H. = 40 ~ 60%
Isolation voltage shall be measured using the following method.
(1)Short between anode and cathode on the primary side and between collector, emitter and base on the secondary side.
(2)The isolation voltage tester with zero-cross circuit shall be used.
(3)The waveform of applied volttage shall be a sine wave.
*2. For 10 seconds.
Electrical/Optical Characteristics
(Ta=25
)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward Voltage
Reverse Current
Terminal Capacitance
Collector Dark Current
Collector-Emitter
Breakdown Voltage
Emitter-Collector
Breakdown Voltage
*Current Transfer Ratio
Collector Current
Collector-emitter
Saturation Voltage
Isolation Resistance
Floating Capacitance
Cut-off Frequency
Response Time (Rise)
Response Time (Fall)
VF
IR
Ct
ICEO
BVCEO
BVECO
CTR
IC
VCE(sat)
RISO
Cf
fc
tr
tf
35
6
50
2.5
5
1010
1.2
30
0.1
1011
0.6
80
4
3
1.4
10
250
100
600
30
0.2
1.0
18
18
V
A
pF
nA
V
V
%
mA
V
pF
KHz
s
s
IF=20mA
VR=4V
V=0, f=1KHz
VCE=20V
IC=0.1mA
IE=10
A
IF=5mA, VCE=5V RBE=
IF=20mA, IC=1mA
DC500V, 40~60% R.H.
V=0, f=1MHz
VCE=5V, IC=2mA
RL=100
, -3dB
VCE=2V, IC=2mA
RL=100
*CTR=
100%
IC
IF
Supplement
Rank Table of Current Transfer Ratio CTR
Model No.
Rank Mark
CTR(%)
LTV-817
LTV-817
LTV-817
LTV-817
LTV-817
LTV-817
L
A
B
C
D
L or A or B or C or D
50~100
80~160
130~260
200~400
300~600
50~600
Conditions
IF=5mA
VCE=5V
Ta=25


Similar Part No. - LTV817

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV817-V TENAND-LTV817-V Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV817-V LITEON-LTV817-V Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
logo
List of Unclassifed Man...
LTV817C ETC2-LTV817C Datasheet
686Kb / 8P
   LY9523 Thru LY9528 / PWM Controller IC / DIP 8 PIN
2011/9/21
logo
Lite-On Technology Corp...
LTV817M-V LITEON-LTV817M-V Datasheet
445Kb / 15P
   Property of Lite-On Only
logo
Shenzhen Tenand Technol...
LTV817M-V TENAND-LTV817M-V Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
More results

Similar Description - LTV817

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
   High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC829 SHARP-PC829 Datasheet
79Kb / 4P
   High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC818 SHARP-PC818 Datasheet
66Kb / 4P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
   High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
   High Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com