Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4904 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4904
Description  1 Watt Audio Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4904 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4904 Datasheet HTML 1Page - National Semiconductor (TI) LM4904 Datasheet HTML 2Page - National Semiconductor (TI) LM4904 Datasheet HTML 3Page - National Semiconductor (TI) LM4904 Datasheet HTML 4Page - National Semiconductor (TI) LM4904 Datasheet HTML 5Page - National Semiconductor (TI) LM4904 Datasheet HTML 6Page - National Semiconductor (TI) LM4904 Datasheet HTML 7Page - National Semiconductor (TI) LM4904 Datasheet HTML 8Page - National Semiconductor (TI) LM4904 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
External Components Description
(Figure 1)
Components
Functional Description
1.
R
i
Inverting input resistance which sets the closed-loop gain in conjunction with R
f. This resistor also forms a
high pass filter with C
i at fC= 1/(2
π R
iCi).
2.
C
i
Input coupling capacitor which blocks the DC voltage at the amplifiers input terminals. Also creates a
highpass filter with R
i at fc = 1/(2
π R
iCi). Refer to the section, Proper Selection of External Components,
for an explanation of how to determine the value of C
i.
3.
R
f
Feedback resistance which sets the closed-loop gain in conjunction with R
i.
4.
C
S
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing
section for information concerning proper placement and selection of the supply bypass capacitor.
5.
C
B
Bypass pin capacitor which provides half-supply filtering. Refer to the section, Proper Selection of External
Components, for information concerning proper placement and selection of C
B.
Typical Performance Characteristics
THD+N vs Frequency
at V
DD = 5V, 8
Ω R
L, and PWR = 500mW
THD+N vs Frequency
at V
DD = 3V, 8
Ω R
L, and PWR = 250mW
20043730
20043731
THD+N vs Frequency
at V
DD = 2.6V, 8
Ω R
L, and PWR = 150mW
THD+N vs Frequency
at V
DD = 2.6V, 4
Ω R
L, and PWR = 150mW
20043732
20043733
www.national.com
5


Similar Part No. - LM4904

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4900 NSC-LM4900 Datasheet
772Kb / 19P
   265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
LM4900LD NSC-LM4900LD Datasheet
772Kb / 19P
   265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
LM4900M NSC-LM4900M Datasheet
772Kb / 19P
   265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4900M TI1-LM4900M Datasheet
994Kb / 19P
[Old version datasheet]   LM4900 Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier
logo
National Semiconductor ...
LM4900MM NSC-LM4900MM Datasheet
772Kb / 19P
   265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4904

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4890 TI-LM4890_15 Datasheet
1Mb / 36P
[Old version datasheet]   1 Watt Audio Power Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
   1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4907 NSC-LM4907 Datasheet
1Mb / 17P
   1 Watt Audio Power Amplifier
LM4905 NSC-LM4905 Datasheet
686Kb / 17P
   1 Watt Audio Power Amplifier
LM4890 NSC-LM4890 Datasheet
1Mb / 31P
   1 Watt Audio Power Amplifier
LM4903 NSC-LM4903 Datasheet
650Kb / 17P
   1 Watt Audio Power Amplifier
LM4891 NSC-LM4891 Datasheet
733Kb / 20P
   1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4889 TI-LM4889 Datasheet
1Mb / 27P
[Old version datasheet]   1 Watt Audio Power Amplifier
logo
Princeton Technology Co...
PT2301 PTC-PT2301 Datasheet
202Kb / 5P
   1 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com