Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5534AN Datasheet(PDF) 3 Page - ON Semiconductor

Part # SE5534AN
Description  Single Low Noise Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SE5534AN Datasheet(HTML) 3 Page - ON Semiconductor

  SE5534AN Datasheet HTML 1Page - ON Semiconductor SE5534AN Datasheet HTML 2Page - ON Semiconductor SE5534AN Datasheet HTML 3Page - ON Semiconductor SE5534AN Datasheet HTML 4Page - ON Semiconductor SE5534AN Datasheet HTML 5Page - ON Semiconductor SE5534AN Datasheet HTML 6Page - ON Semiconductor SE5534AN Datasheet HTML 7Page - ON Semiconductor SE5534AN Datasheet HTML 8Page - ON Semiconductor SE5534AN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NE5534, SA5534, SE5534, NE5534A, SA5534A, SE5534A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (Tamb = 25°C; VS = "15 V, unless otherwise noted.) (Notes 3, 4 and 5)
Characteristic
Symbol
Test Conditions
NE/SA5534/5534A
SE5534/5534A
Unit
Min
Typ
Max
Min
Typ
Max
VOS
0.5
4.0
0.5
2.0
mV
Offset Voltage
Overtemperature
5.0
3.0
mV
DVOS/DT
5.0
5.0
mV/°C
IOS
20
300
10
200
nA
Offset Current
Overtemperature
400
500
nA
DIOS/DT
200
200
pA/°C
IB
500
1500
400
800
nA
Input Current
Overtemperature
2000
1500
nA
DIB/DT
5.0
5.0
nA/°C
Supply Current
Per Op Amp
ICC
Overtemperature
4.0
8.0
10
4.0
6.5
9.0
mA
Common Mode Input Range
VCM
"12
"13
"12
"13
V
Common Mode Rejection Ratio
CMRR
70
100
80
100
dB
Power Supply Rejection Ratio
PSRR
10
100
10
50
mV/V
Large-Signal Voltage Gain
AVOL
RL ≥ 600 W,
VO = "10 V
Overtemperature
25
15
100
50
25
100
V/mV
Output Swing
VOUT
RL w 600 W
"12
"13
"12
"13
V
Overtemperature
"10
"12
"10
"12
RL w 600 W;
VS = "18 V
"15
"16
"15
16
RL w 2.0 kW
"13
"13.5
"13
"13.5
Overtemperature
"12
"12.5
"12
"12.5
Input Resistance
RIN
30
100
50
100
kW
Output Short Circuit Current
ISC
38
38
mA
3. For NE5534/5534A, TMIN = 0°C, TMAX = 70°C.
4. For SA5534/5534A, TMIN = −40°C, TMAX = +85°C.
5. For SE5534/5534A, TMIN = −55°C, TMAX = +125°C.


Similar Part No. - SE5534AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE5534AN PHILIPS-SE5534AN Datasheet
109Kb / 8P
   Dual and single low noise op amp
August 31, 1994
logo
ON Semiconductor
SE5534AN ONSEMI-SE5534AN Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
SE5534ANG ONSEMI-SE5534ANG Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
More results

Similar Description - SE5534AN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
   Single Operational Amplifier (Low Noise Operational Amplifier)
logo
ON Semiconductor
NE5534 ONSEMI-NE5534 Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
logo
Toshiba Semiconductor
TA75S558FTE85LF TOSHIBA-TA75S558FTE85LF Datasheet
182Kb / 5P
   Single Low-Noise Operational Amplifier
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
   Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_08 Datasheet
309Kb / 15P
   Low noise JFET single operational amplifier
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
   Low noise JFET single operational amplifier
TSH10 STMICROELECTRONICS-TSH10 Datasheet
76Kb / 5P
   140MHz BANDWIDTH LOW NOISE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624-MIL TI1-LMH6624-MIL Datasheet
1Mb / 29P
[Old version datasheet]   Single Ultra-Low-Noise Wideband Operational Amplifier
logo
Rohm
LM4559F ROHM-LM4559F Datasheet
380Kb / 20P
   Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com