Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1641-1 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LT1641-1
Description  Surge Stopper
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1641-1 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LT1641-1 Datasheet HTML 1Page - Linear Integrated Systems LT1641-1 Datasheet HTML 2Page - Linear Integrated Systems LT1641-1 Datasheet HTML 3Page - Linear Integrated Systems LT1641-1 Datasheet HTML 4Page - Linear Integrated Systems LT1641-1 Datasheet HTML 5Page - Linear Integrated Systems LT1641-1 Datasheet HTML 6Page - Linear Integrated Systems LT1641-1 Datasheet HTML 7Page - Linear Integrated Systems LT1641-1 Datasheet HTML 8Page - Linear Integrated Systems LT1641-1 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT4356-1/LT4356-2
1
4356fa
APPLICATIONS
FEATURES
DESCRIPTION
Surge Stopper
The LT®4356 surge stopper protects loads from high voltage
transients. It regulates the output during an overvoltage
event, such as load dump in automobiles, by controlling
the gate of an external N-channel MOSFET. The output is
limited to a safe value thereby allowing the loads to con-
tinue functioning. The LT4356 also monitors the voltage
drop between the VCC and SNS pins to protect against
overcurrent faults. An internal amplifier limits the current
sense voltage to 50mV. In either fault condition, a timer
is started inversely proportional to MOSFET stress. If the
timer expires, the FLT pin pulls low to warn of an impend-
ing power down. If the condition persists, the MOSFET is
turned off. After a cool down period, the GATE pin pulls
up turning on the MOSFET again.
The auxiliary amplifier may be used as a voltage detection
comparator or as a linear regulator controller driving an
external PNP pass transistor.
Back-to-back FETs can be used in lieu of a Schottky diode
for reverse input protection, reducing voltage drop and
power loss. A shutdown pin reduces the quiescent current
to less than 7μA for the LT4356-1 during shutdown. The
LT4356-2 differs from the LT4356-1 during shutdown by
reducing the quiescent current to 60μA and keeping alive
the auxiliary amplifier for uses such as an undervoltage
lockout or always-on regulator.
n Automotive/Avionic Surge Protection
n Hot Swap/Live Insertion
n High Side Switch for Battery Powered Systems
n Intrinsic Safety Applications
n Stops High Voltage Surges
n Adjustable Output Clamp Voltage
n Overcurrent Protection
n Wide Operation Range: 4V to 80V
n Reverse Input Protection to –60V
n Low 7μA Shutdown Current, LT4356-1
n Adjustable Fault Timer
n Controls N-channel MOSFET
n Shutdown Pin Withstands –60V to 100V
n Fault Output Indication
n Guaranteed Operation to 125°C
n Auxiliary Amplifier for Level Detection Comparator or
Linear Regulator Controller
n Available in (4mm
× 3mm) 12-Pin DFN,
10-Pin MSOP or 16-Pin SO Packages
4A, 12V Overvoltage Output Regulator
Overvoltage Protector Regulates Output at
27V During Transient
0.1μF
10Ω
10mΩ
IRLR2908
VIN
12V
4356 TA01
LT4356DE
GND
TMR
OUT
GATE
SNS
IN+
SHDN
AOUT
FAULT
VOUT
EN
FLT
UNDERVOLTAGE
FB
VCC
DC-DC
CONVERTER
GND
SHDN
VCC
4.99k
383k
100k
102k
100ms/DIV
4356 TA01b
VIN
20V/DIV
VOUT
20V/DIV
80V INPUT SURGE
CTMR = 6.8μF
ILOAD = 500mA
27V ADJUSTABLE CLAMP
12V
12V
TYPICAL APPLICATION
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LT1641-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
322Kb / 40P
   Hot Swap Controller
LT1641-1 LINER-LT1641-1 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
More results

Similar Description - LT1641-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
   Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366 LINER-LTC4366 Datasheet
296Kb / 24P
   High Voltage Surge Stopper
LT4356-3 LINER-LT4356-3 Datasheet
222Kb / 24P
   Surge Stopper with Fault Latchoff
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com