Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM41CIMTX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM41CIMTX
Description  Hardware Monitor with Thermal Diode Inputs and SensorPath??Bus
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM41CIMTX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM41CIMTX Datasheet HTML 1Page - National Semiconductor (TI) LM41CIMTX Datasheet HTML 2Page - National Semiconductor (TI) LM41CIMTX Datasheet HTML 3Page - National Semiconductor (TI) LM41CIMTX Datasheet HTML 4Page - National Semiconductor (TI) LM41CIMTX Datasheet HTML 5Page - National Semiconductor (TI) LM41CIMTX Datasheet HTML 6Page - National Semiconductor (TI) LM41CIMTX Datasheet HTML 7Page - National Semiconductor (TI) LM41CIMTX Datasheet HTML 8Page - National Semiconductor (TI) LM41CIMTX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Absolute Maximum Ratings
(Notes 2, 1)
Supply Voltage (V
+)
−0.5 V to 6.0 V
Voltage at Any Digital Input or
Output Pin
−0.5 V to 6.0 V
Voltage on 12V Analog Input
−0.5 V to 16 V
Voltage on 5V Analog Input
−0.5 V to 6.67 V
Voltage on D+
−0.5 V to (V+ + 0.05 V)
Voltage on Other Analog Inputs
−0.5 V to 6.0 V
Current on D-
±1mA
Input Current per Pin(Note 3)
±5mA
Package Input Current (Note 3)
±30 mA
Package Power Dissipation
(Note 4)
Output Sink Current
10 mA
ESD Susceptibility (Note 5)
Human Body Model
2500 V
Machine Model
250 V
Storage Temperature
−65˚C to +150˚C
Soldering process must comply with National’s reflow
temperature profile specifications. Refer to
www.national.com/packaging/. (Note 6)
Operating Ratings
(Notes 1, 2)
Temperature Range for Electrical Characteristics
LM41CIMT (T
MIN
≤T
A
≤T
MAX)
0˚C
≤ T
A
≤ +85˚C
Operating Temperature Range
0˚C
≤ T
A
≤ +125˚C
Remote Diode Temperature (T
D)
Range
-5˚C
≤ T
D
≤ +140˚C
Supply Voltage Range (V+)
+3.0 V to +3.6 V
Analog Input Voltage Rage:
+1.2V and +2.5V
−0.05V to
(V+ + 0.05V)
+3.3V_SBY (V+)
+3.0V to +3.6V
+5V
−0.05V to +6.67V
+12V
−0.05V to +16V
DC Electrical Characteristics
The following specifications apply for V+ = +3.0 V
DC to +3.6 VDC, and all analog source impedance RS =50
Ω unless other-
wise specified in the conditions. Boldface limits apply for LM41CIMT T
A =TJ =TMIN=0˚C to TMAX=85˚C; all other limits
T
A = +25˚C. TA is the ambient temperature of the LM41; TJ is the junction temperature of the LM41; TD is the junction tem-
perature of the remote thermal diode.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
V+
Power Supply Voltage
3.3
3.0
3.6
V (min)
V (max)
I+
Shutdown
Shutdown Power Supply Current
SensorPath Bus Inactive
(Note 9)
260
420
µA (max)
I+
Average
Average Power Supply Current
SensorPath Bus Inactive; all
sensors enabled;
t
CONV=182 ms; (Note 9)
900
µA (max)
I+
Peak
Peak Power Supply Current
SensorPath Bus Inactive
(Note 9)
3.3
mA (max)
Power-On Reset Threshold Voltage
1.6
V (min)
2.8
V (max)
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limits)
Temperature Accuracy Using the Remote Thermal
Diode, see (Note 12) for Thermal Diode Processor
Type.
T
J = 0˚C to
+85˚C
T
D = +25˚C
±1
±2.5
˚C (max)
T
J = 0˚C to
+85˚C
T
D = 0˚C to
+100˚C
±3
˚C (max)
T
J = 0˚C to
+85˚C
T
D = +100˚C to
+125˚C
±4
˚C (max)
Temperature Accuracy Using the Local Diode
T
J = 0˚C to +85˚C (Note 10)
±1
±3
˚C (max)
Remote Diode and Local Temperature Resolution
10
Bits
0.5
˚C
D− Source Voltage
0.7
V
www.national.com
4


Similar Part No. - LM41CIMTX

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM412-155.52M CONNOR-WINFIELD-LM412-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120AI-4.1 NSC-LM4120AI-4.1 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results

Similar Description - LM41CIMTX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM96011 NSC-LM96011 Datasheet
80Kb / 2P
   Hardware Monitor with Thermal Diode Input and SensorPath??Bus
LM40 NSC-LM40 Datasheet
369Kb / 27P
   Hardware Monitor with Dual Thermal Diodes and SensorPath Bus
LM32 NSC-LM32 Datasheet
340Kb / 24P
   Dual Thermal Diode Temperature Sensor with SensorPath Bus
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024 Datasheet
315Kb / 29P
   System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
ADM1024 ONSEMI-ADM1024_16 Datasheet
256Kb / 30P
   System Hardware Monitor with Remote Diode Thermal Sensing
January, 2016 ??Rev. 5
logo
Analog Devices
ADM1024 AD-ADM1024 Datasheet
285Kb / 28P
   System Hardware Monitor with Remote Diode Thermal Sensing
REV. 0
logo
Texas Instruments
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
[Old version datasheet]   Digital Temperature Sensor with SensorPath Bus
logo
SMSC Corporation
MON35W42 SMSC-MON35W42 Datasheet
213Kb / 60P
   Hardware Monitoring IC with Thermal Diode Interface
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
   Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
   hardware monitor with api
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com