Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-LX321 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # PT-LX321
Description  DLP??Projector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-LX321 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  PT-LX321 Datasheet HTML 1Page - Panasonic Semiconductor PT-LX321 Datasheet HTML 2Page - Panasonic Semiconductor PT-LX321 Datasheet HTML 3Page - Panasonic Semiconductor PT-LX321 Datasheet HTML 4Page - Panasonic Semiconductor PT-LX321 Datasheet HTML 5Page - Panasonic Semiconductor PT-LX321 Datasheet HTML 6Page - Panasonic Semiconductor PT-LX321 Datasheet HTML 7Page - Panasonic Semiconductor PT-LX321 Datasheet HTML 8Page - Panasonic Semiconductor PT-LX321 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
S PEC
F ILE
DLPProjector
3/11
PT-LX321
As of August 2013
SFD13M013-1
Remote control unit
Power supply
Operation range*
7
Dimensions (W × H × D)
Weight
Supplied accessories
Optional accessories
Ceiling mount bracket
3 V DC (Lithium coin cell battery x 1)
Approx. 8 m (26 ft 3 in) when operated from directly in front of the sig-
nal receptor
40.6 x 86.5 x 7.2 mm (1-19/32 × 3-13/32 × 9/32 inches)
Approx. 23 g (0.8 oz) (including battery)
Power cord (× 1) (× 2 for PT-LX321EA)
Wireless remote control unit (× 1)
Battery for remote control (CR2025 type × 1)
Computer cable (for VGA) (× 1)
ET-PKV100H (for high ceilings)
ET-PKV100S (for low ceilings)
Attachment for ceiling mount bracket
ET-PKL300B
Replacement lamp unit
ET-LAL33
1
Weights and dimensions shown are approximate. Specifications and appearance are subject to change without notice.
*1 When [VGA Out (Standby)] / [In Standby Mode (Audio)] are all set to [Off].
*2 When [VGA Out (Standby)] / [In Standby Mode (Audio)] are all set to [On].
*3 Measurement, measuring conditions, and method of notation all comply with ISO 21118 international standards.
*6 With lens at shortest position.
*7 Operation range differs depending on environments.
*5 With legs at shortest position.
*4 Only compatible with dot clock frequency of 27 MHz (pixel repetition signal)
Dimensions (W × H × D)
Weight
Operation noise*
3
Operating temperature
Operating humidity
288 × 100*
5 × 233* 6 mm (11-11/32 × 3-15/16* 5 × 9-3/16* 6 inches)
Approx. 2.5Kg (5.5 lbs)
35 dB (LAMP POWER: NORMAL), 29 dB (LAMP POWER: ECO)
5°C – 40°C (41°F – 104°F) [Less than 750 m (2,500 ft) above sea level];
5°C – 35°C (41°F – 95°F) [750 – 1,500 m (2,500 – 5,000 ft) above sea level]
5°C – 30°C (41°F – 86°F) [1,500 – 3,000 m (5,000 – 10,000 ft) above sea level]
20%– 80% (no condensation)
Built-in speaker
Power cord length
Cabinet materials
7 × 4 cm Oval x1 output power 8 W (Monaural)
1.8 m (5 ft 11 in) (2.0m (6 ft 7 in) for PT-LX321U)
Molded plastic (PC)


Similar Part No. - PT-LX321

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-LX271 PANASONIC-PT-LX271 Datasheet
1Mb / 11P
   DLP??Projector
More results

Similar Description - PT-LX321

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-LW271 PANASONIC-PT-LW271 Datasheet
1Mb / 12P
   DLP Projector
PT-LW321 PANASONIC-PT-LW321 Datasheet
1Mb / 12P
   DLP Projector
PT-LX271 PANASONIC-PT-LX271 Datasheet
1Mb / 11P
   DLP??Projector
PT-RW930 PANASONIC-PT-RW930 Datasheet
2Mb / 20P
   DLP Projector
PT-DW17K2 PANASONIC-PT-DW17K2 Datasheet
1Mb / 11P
   3-Chip DLP??Projector
PT-DS12K PANASONIC-PT-DS12K Datasheet
1Mb / 18P
   3-Chip DLP Projector
PT-DZ16K PANASONIC-PT-DZ16K Datasheet
2Mb / 14P
   3-Chip DLP Projector
PT-RZ12K PANASONIC-PT-RZ12K Datasheet
987Kb / 14P
   3-Chip DLP??Projector
PT-DW11K PANASONIC-PT-DW11K Datasheet
1Mb / 18P
   3-Chip DLP Projector
PT-DZ16K2 PANASONIC-PT-DZ16K2 Datasheet
1Mb / 12P
   3-Chip DLP??Projector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com