Electronic Components Datasheet Search |
|
PT-LX271 Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
PT-LX271 Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 11 page S PEC F ILE DLP™ Projector 2/11 PT-LX271 As of August 2013 SFD13M014-1 Main unit Power supply Power consumption DLP™ chip Panel size Display method Pixels Lens Lamp Screen size Brightness* 3 Center-to-corner uniformity* 3 Contrast* 3 Resolution RGB YPBPR (YCBCR) Video Optical axis shift Keystone correction range Installation Terminals HDMI IN COMPUTER 1/2 IN R, G, B Y, PB (CB), PR (CR) VIDEO IN MONITOR OUT AUDIO 1 IN SERIAL IN 100−240 V AC, 50/60 Hz 220 W (0.5 W when STANDBY MODE set to ECO* 1, 6.0 W when STANDBY MODE set to NORMAL.* 2 ) 14.0 mm (0.55 inches) diagonal (4:3 aspect ratio) DLP™ chip × 1, DLP™ system 786,432 (1,024 × 768) pixels Manual zoom 1.1× (1.95 – 2.15:1 throw ratio), manual focus, F 2.41–2.53, f 21.8 – 24 mm 190 W UHM lamp × 1 0.76–7.62 m (30– 300 inches), 4:3 aspect ratio 2,700 lumens (Lamp Power : Normal, Color Mode : Dynamic) 80% 7,500:1 (full on/off, Lamp Power: AUTO, input signal: RGB, Color Mode: Dynamic) 1,024 × 768 pixels (Input signals that exceed this resolution will be converted to 1,024 × 768 pixels.) fH: 15 kHz – 91.1 kHz, fV: 24 Hz – 85.1 Hz, dot clock: 162 MHz or lower Scanning frequency HDMI fH: 15 kHz – 91.1 kHz, fV: 24 Hz – 85.1 Hz, dot clock 25– 162 MHz 525i (480i): fH 15.75 kHz; fV 60 Hz, 625i (576i): fH 15.63 kHz; fV 50 Hz, 525p (480p): fH 31.50 kHz; fV 60 Hz, 625p (576p): fH 31.25 kHz; fV 50 Hz, 750 (720)/60p: fH 45.00 kHz; fV 60 Hz, 750 (720)/50p: fH 37.50 kHz; fV 50 Hz, 1125 (1080)/60i: fH 33.75 kHz; fV 60 Hz, 1125 (1080)/50i: fH 28.13 kHz; fV 50 Hz, 1125 (1080)/24p: fH 27.00 kHz; fV 24 Hz, 1125 (1080)/60p: fH 67.50 kHz; fV 60 Hz, 1125 (1080)/50p: fH 56.25 kHz; fV 50 Hz fH: 15.75 kHz, fV: 60 Hz [NTSC/NTSC4.43/PAL-M/PAL60] fH: 15.63 kHz, fV: 50 Hz [PAL/PAL-N/SECAM] 10:-1.5 Vertical: ±40° (manual) Ceiling/floor HDMI 19-pin × 1 (Deep Color, compatible with HDCP) , front/rear D-sub HD 15-pin (female) × 2, G: 0.7 Vp-p (1.0 Vp-p for sync on G), 75 ohms; B, R: 0.7 Vp-p, 75 ohms; HD/VD, SYNC: high impedance, TTL (positive/negative) Y: 1.0 Vp-p (including sync signal); PB (CB), PR (CR): 0.7 Vp-p, 75 ohms Pin jack × 1, 1.0 Vp-p, 75 ohms D-sub HD 15-pin (female) × 1 M3 (L, R) × 1, 0.5 Vrms (for COMPUTER) AUDIO 2 IN M3 (L, R) × 1, 0.5 Vrms (for VIDEO) AUDIO OUT Mini jack × 1 (monitor out: 0– 2.0 Vrms, variable) LAN RJ-45 × 1 for network connection, 100Base-TX/10Base-T, compliant with PJLink™ (class 1) D-sub 9-pin (female) × 1 for external control (RS-232C compliant) 525i(480i)* 4, 625i(576i)*4, 525p (480p), 625p (576p), 750 (720)/60p, 750 (720)/50p, 1125 (1080)/60i, 1125 (1080)/50i, 1125 (1080)/24p, 1125 (1080)/60p, 1125 (1080)/50p, VESA CVT-RB compliant VGA (640 × 480) – UXGA (1,600 × 1,200), Audio signal: linear PCM (sampling frequencies: 48 kHz, 44.1 kHz, 32 kHz) Specifications |
Similar Part No. - PT-LX271 |
|
Similar Description - PT-LX271 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |