Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PT-LW321 Datasheet(PDF) 12 Page - PACELEADER INDUSTRIAL

Part No. PT-LW321
Description  Distances calculated with the above equations will include a slight error.
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PACELEADER [PACELEADER INDUSTRIAL]
Homepage  http://www.paceleader.tw
Logo 

PT-LW321 Datasheet(HTML) 12 Page - PACELEADER INDUSTRIAL

 
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
S PEC
F ILE
DLPProjector
12/12
PT-LW321
As of August 2013
SFD13M010-1
Notes on projector placement and operation
The projector uses a high-wattage lamp that becomes very hot during operation. Please observe the
following precautions.
1.
Never place objects on top of the projector while it is operating.
2.
Make sure there is the unobstructed space as shown below or more around the projector’s exhaust
openings. In addition to this space, also ensure that there is a sufficient work space for removing
and installing the lamp, air filter and other parts.
3.
Make sure that nothing blocks the projector’s air intake and exhaust openings. Also, install the pro-
jector so that cool or hot air from other air conditioning equipment does not flow directly toward the
projector’s air intake or exhaust openings.
4.
Do not install the projector in an enclosed space. If it is necessary to install it in an enclosed
space, add a separate ventilation system. If ventilation is insufficient, hot air will accumulate at the
intake opening. This may cause the projector’s protective circuit to interrupt projector operation.
Direction of air intake and exhaust
500 mm (19-11/16˝)
or more
500 mm (19-11/16˝)
or more
1000 mm (39-3/8˝)
or more
Intake
Exhaust
Operating the projector continuously
1.
If the projector is to be operated continuously 22 hours or more, lamp replacement cycle duration
becomes shorter.
2.
The lamp replacement cycle duration becomes shorter if the projector is operated repeatedly for short
periods (one hour or less).
Weights and dimensions shown are approximate. Specifications and appearance are subject to change without notice.
Product availability differs depending on region and country. This product may be subject to export control regulations.
DLP and the DLP logo are trademarks of Texas Instruments.
P
HDMI, the HDMI logo and High-Definition Multimedia Interface are trademarks or registered trademarks of HDMI Licensing LLC in the United States and other countries.
JLink is a registered trademark, or a trademark application has been filed, in Japan, the United States, and other countries and regions.
All other trademarks are the property of their respective trademark owners.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn