Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PT-LW321 Datasheet(PDF) 11 Page - PACELEADER INDUSTRIAL

Part No. PT-LW321
Description  Distances calculated with the above equations will include a slight error.
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PACELEADER [PACELEADER INDUSTRIAL]
Homepage  http://www.paceleader.tw
Logo 

PT-LW321 Datasheet(HTML) 11 Page - PACELEADER INDUSTRIAL

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
S PEC
F ILE
DLPProjector
11/12
PT-LW321
As of August 2013
SFD13M010-1
Status request commands
Command : Parameter
Function
Description
Callback
QPW
QSH
QIN
QVX:RTMI0
Q$L
Main power status
AV mute function status
Input signal status
Projector run time
Lamp run time
Standby
On
Standby
Off
On
HDMI
Computer 1
Computer 2
Video
00000h –99999h
0000h – 9999h
000
001
0
1
HD1
RG1
RG2
VID
Q$S
Lamp on status
0
1
2
3
p1p2p3p4p5
p1p2p3p4
QTM:0
Temperature status
p0 = Internal temperature
p1p2p3p4/p5p6p7p8 (*1)
* 1 p1p2p3p4: Celsius (°C), p5p6p7p8: Fahrenheit (°F)
Command example
To s et the AV mute function off, send the command as shown below.
OSH
:
0
ETX
Command
STX
Start
Parameter
End
NOTE: When sending commands without parameters, a colon (:) is not necessary.
NOTE: If a wrong command is received, the projector will send an ER401 or ER402 command to the computer.
Lamp on control in progress
Lamp on
Lamp off control in progress


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn