Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PT-LW321 Datasheet(PDF) 7 Page - PACELEADER INDUSTRIAL

Part No. PT-LW321
Description  Distances calculated with the above equations will include a slight error.
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PACELEADER [PACELEADER INDUSTRIAL]
Homepage  http://www.paceleader.tw
Logo 

PT-LW321 Datasheet(HTML) 7 Page - PACELEADER INDUSTRIAL

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
S PEC
F ILE
DLPProjector
7/12
PT-LW321
As of August 2013
SFD13M010-1
Calculation of the projection distance
For a screen size different from the above, use the equation below to calculate the projection distance.
Aspect ratio 16:10
minimum
L (m) = (diagonal screen size in inches) × 0.03338
maximum
L (m) = (diagonal screen size in inches) × 0.03660
Aspect ratio 16:9
minimum
L (m) = (diagonal screen size in inches) × 0.03429
maximum
L (m) = (diagonal screen size in inches) × 0.03764
NOTE:
Distances calculated with the above equations will include a slight error.
Installable angle
Install the projector at an angle within the range shown below.
• Vertical direction
The projector may be installed at a vertical
angle of 10°.
• Horizontal direction
The projector may be installed at a horizontal
angle of 20°.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn