Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PT-LW321 Datasheet(PDF) 6 Page - PACELEADER INDUSTRIAL

Part No. PT-LW321
Description  Distances calculated with the above equations will include a slight error.
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PACELEADER [PACELEADER INDUSTRIAL]
Homepage  http://www.paceleader.tw
Logo 

PT-LW321 Datasheet(HTML) 6 Page - PACELEADER INDUSTRIAL

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
S PEC
F ILE
DLPProjector
6/12
PT-LW321
As of August 2013
SFD13M010-1
0.76 m
1.02 m
1.27 m
1.52 m
1.78 m
2.03 m
2.29 m
2.54 m
3.05 m
3.81 m
5.08 m
6.35 m
7.62 m
1.0
1.3
1.7
2.0
2.3
2.7
3.0
3.3
4.0
5.0
6.7
8.3
10.0
1.1
1.5
1.8
2.2
2.6
2.9
3.3
3.7
4.4
5.5
7.3
9.2
11.0
-0.05
-0.07
-0.08
-0.10
-0.12
-0.13
-0.15
-0.17
-0.20
-0.25
-0.33
-0.42
-0.50
30˝
40˝
50˝
60˝
70˝
80˝
90˝
100˝
120˝
150˝
200˝
250˝
300˝
/
/
/
/
/
/
/
/
/
/
/
/
/
(3.3)
(4.4)
(5.5)
(6.6)
(7.7)
(8.8)
(9.9)
(11.0)
(13.1)
(16.4)
(21.9)
(27.4)
(32.9)
(3.6)
(4.8)
(6.0)
(7.2)
(8.4)
(9.6)
(10.8)
(12.0)
(14.4)
(18.0)
(24.0)
(30.0)
(36.0)
(-0.16)
(-0.22)
(-0.27)
(-0.33)
(-0.38)
(-0.44)
(-0.49)
(-0.55)
(-0.66)
(-0.82)
(-1.10)
(-1.37)
(-1.64)
Projection size
[diagonal]
Projection distance [L]
Min [wide]
Max [telephoto]
Height from the edge of screen
to center of lens [ H ]
Projection distance for 16:10 aspect ratio screen
unit: meters (feet)
0.76 m
1.02 m
1.27 m
1.52 m
1.78 m
2.03 m
2.29 m
2.54 m
3.05 m
3.81 m
5.08 m
6.35 m
7.62 m
1.0
1.4
1.7
2.1
2.4
2.7
3.1
3.4
4.1
5.1
6.9
8.6
10.3
1.1
1.5
1.9
2.3
2.6
3.0
3.4
3.8
4.5
5.6
7.5
9.4
11.3
-0.07
-0.10
-0.12
-0.14
-0.17
-0.19
-0.22
-0.24
-0.29
-0.36
-0.48
-0.60
-0.72
30˝
40˝
50˝
60˝
70˝
80˝
90˝
100˝
120˝
150˝
200˝
250˝
300˝
/
/
/
/
/
/
/
/
/
/
/
/
/
(3.4)
(4.5)
(5.6)
(6.8)
(7.9)
(9.0)
(10.1)
(11.3)
(13.5)
(16.9)
(22.5)
(28.1)
(33.8)
(3.7)
(4.9)
(6.2)
(7.4)
(8.6)
(9.9)
(11.1)
(12.4)
(14.8)
(18.5)
(24.7)
(30.9)
(37.1)
(-0.24)
(-0.32)
(-0.39)
(-0.47)
(-0.55)
(-0.63)
(-0.71)
(-0.79)
(-0.95)
(-1.18)
(-1.58)
(-1.97)
(-2.37)
Projection size
[diagonal]
Projection distance [L]
Min [wide]
Max [telephoto]
Height from the edge of screen
to center of lens [ H ]
Projection distance for 16:9 aspect ratio screen
unit: meters (feet)
NOTE:
• The value for L (distance to screen) varies slightly depending on the zoom lens characteristics.
• At the shortest projection distance, the zoom lens characteristics may cause slight image distortion.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn