Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PT-LW321 Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part No. PT-LW321
Description  Distances calculated with the above equations will include a slight error.
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PACELEADER [PACELEADER INDUSTRIAL]
Homepage  http://www.paceleader.tw
Logo 

PT-LW321 Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
S PEC
F ILE
DLPProjector
3/12
PT-LW321
As of August 2013
SFD13M010-1
Remote control unit
Power supply
Operation range*
7
Dimensions (W × H × D)
Weight
Supplied accessories
Optional accessories
Ceiling mount bracket
3 V DC (Lithium coin cell battery x 1)
Approx. 8 m (26 ft 3 in) when operated from directly in front of the sig-
nal receptor
40.6 x 86.5 x 7.2 mm (1-19/32 × 3-13/32 × 9/32 inches)
Approx. 23 g (0.8 oz) (including battery)
Power cord (× 1) (× 2 for PT-LW321EA)
Wireless remote control unit (× 1)
Battery for remote control (CR2025 type × 1)
Computer cable (for VGA) (× 1)
ET-PKV100H (for high ceilings)
ET-PKV100S (for low ceilings)
Attachment for ceiling mount bracket
ET-PKL300B
Replacement lamp unit
ET-LAL330
Weights and dimensions shown are approximate. Specifications and appearance are subject to change without notice.
*1 When [VGA Out (Standby)] / [In Standby Mode (Audio)] are all set to [Off].
*2 When [VGA Out (Standby)] / [In Standby Mode (Audio)] are all set to [On].
*3 Measurement, measuring conditions, and method of notation all comply with ISO 21118 international standards.
*6 With lens at shortest position.
*7 Operation range differs depending on environments.
*5 With legs at shortest position.
*4 Only compatible with dot clock frequency of 27 MHz (pixel repetition signal)
Dimensions (W × H × D)
Weight
Operation noise*
3
Operating temperature
Operating humidity
288 × 100*
5 × 231* 6 mm (11-11/32 × 3-15/16* 5 × 9-3/32* 6 inches)
Approx. 2.5 kg (5.5 lbs)
34 dB (LAMP POWER: NORMAL), 29 dB (LAMP POWER: ECO)
5°C – 40°C (41°F – 104°F) [Less than 750 m (2,500 ft) above sea level];
5°C – 35°C (41°F – 95°F) [750 – 1,500 m (2,500 – 5,000 ft) above sea level]
5°C – 30°C (41°F – 86°F) [1,500 – 3,000 m (5,000 – 10,000 ft) above sea level]
20%– 80% (no condensation)
Built-in speaker
Power cord length
Cabinet materials
7 × 4 cm Oval x1 output power 8 W (Monaural)
1.8 m (5 ft 11 in) (2.0m (6 ft 7 in) for PT-LW321U)
Molded plastic (PC)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn