Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PT-LW321 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part No. PT-LW321
Description  Distances calculated with the above equations will include a slight error.
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PACELEADER [PACELEADER INDUSTRIAL]
Homepage  http://www.paceleader.tw
Logo 

PT-LW321 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
S PEC
F ILE
DLPProjector
2/12
PT-LW321
As of August 2013
SFD13M010-1
Main unit
Power supply
Power consumption
DLP™ chip
Panel size
Display method
Pixels
Lens
Lamp
Screen size
Brightness*
3
Center-to-corner uniformity*
3
Contrast*
3
Resolution
RGB
YPBPR (YCBCR)
Video
Optical axis shift
Keystone correction range
Installation
Terminals
HDMI IN
COMPUTER 1/2 IN
R, G, B
Y, PB (CB), PR (CR)
VIDEO IN
MONITOR OUT
AUDIO 2 IN
SERIAL IN
100−240 V AC, 50/60 Hz
245 W (0.5 W when STANDBY MODE set to ECO*
1, 6.0 W when
STANDBY MODE
set to NORMAL.*
2 )
16.5 mm (0.65 inches) diagonal (16:10 aspect ratio)
DLP™ chip × 1, DLP™ system
1,024,000 (1,280 × 800) pixels
Manual zoom 1.1× (1.55 – 1.70:1 throw ratio), manual focus,
F 2.5–2.67, f 21.8 – 24.0 mm
190 W UHM lamp × 1
0.76–7.62 m (30– 300 inches), 16:10 aspect ratio
3,200 lumens (Lamp Power : Normal, Color Mode : Dynamic)
80%
7,500:1 (full on/off, Lamp Power:
AUTO, input signal: RGB,
Color Mode: Dynamic)
1,280 x 800 pixels (Input signals that exceed this resolution will be
converted to 1,280 x 800 pixels.)
fH: 15 kHz – 91.1 kHz, fV: 24 Hz – 85.1 Hz, dot clock: 162 MHz or lower
Scanning frequency
HDMI
fH: 15 kHz – 91.1 kHz, fV: 24 Hz – 85.1 Hz, dot clock 25– 162 MHz
525i (480i):
fH 15.75 kHz; fV 60 Hz,
625i (576i):
fH 15.63 kHz; fV 50 Hz,
525p (480p):
fH 31.50 kHz; fV 60 Hz,
625p (576p):
fH 31.25 kHz; fV 50 Hz,
750 (720)/60p:
fH 45.00 kHz; fV 60 Hz,
750 (720)/50p:
fH 37.50 kHz; fV 50 Hz,
1125 (1080)/60i:
fH 33.75 kHz; fV 60 Hz,
1125 (1080)/50i:
fH 28.13 kHz; fV 50 Hz,
1125 (1080)/24p:
fH 27.00 kHz; fV 24 Hz,
1125 (1080)/60p:
fH 67.50 kHz; fV 60 Hz,
1125 (1080)/50p:
fH 56.25 kHz; fV 50 Hz
fH: 15.75 kHz, fV: 60 Hz [NTSC/NTSC4.43/PAL-M/PAL60]
fH: 15.63 kHz, fV: 50 Hz [PAL/PAL-N/SECAM]
10:-1.2
Vertical: ±40° (manual)
Ceiling/floor
HDMI 19-pin x 1 (Deep Color, compatible with HDCP)
, front/rear
D-sub HD 15-pin (female) × 2,
G: 0.7 Vp-p (1.0 Vp-p for sync on G), 75 ohms;
B, R: 0.7 Vp-p, 75 ohms;
HD/VD, SYNC: high impedance, TTL (positive/negative)
Y: 1.0 Vp-p (including sync signal);
PB (CB), PR (CR): 0.7 Vp-p, 75 ohms
Pin jack × 1, 1.0 Vp-p, 75 ohms
D-sub HD 15-pin (female) × 1
M3 (L, R) × 1, 0.5 Vrms (for VIDEO)
AUDIO 1 IN
M3 (L, R) × 1, 0.5 Vrms (for COMPUTER)
AUDIO OUT
Mini jack × 1 (monitor out: 0– 2.0 Vrms, variable)
D-sub 9-pin (female) × 1 for external control (RS-232C compliant)
LAN
RJ-45 × 1 for network connection, 100Base-TX/10Base-T,
compliant with PJLink™ (class 1)
525i(480i)*
4, 625i(576i)*4, 525p (480p), 625p (576p), 750 (720)/60p,
750 (720)/50p, 1125 (1080)/60i, 1125 (1080)/50i, 1125 (1080)/24p,
1125 (1080)/60p, 1125 (1080)/50p, VESA CVT-RB compliant
VGA (640 × 480) – UXGA (1,600 × 1,200), Audio signal: linear
PCM (sampling frequencies: 48 kHz, 44.1 kHz, 32 kHz)
Specifications


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn