Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5172B Datasheet(PDF) 2 Page - Keysight Technologies

Part # N5172B
Description  EXG X-Series Signal Generators N5171B Analog & N5172B Vector
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5172B Datasheet(HTML) 2 Page - Keysight Technologies

  N5172B Datasheet HTML 1Page - Keysight Technologies N5172B Datasheet HTML 2Page - Keysight Technologies N5172B Datasheet HTML 3Page - Keysight Technologies N5172B Datasheet HTML 4Page - Keysight Technologies N5172B Datasheet HTML 5Page - Keysight Technologies N5172B Datasheet HTML 6Page - Keysight Technologies N5172B Datasheet HTML 7Page - Keysight Technologies N5172B Datasheet HTML 8Page - Keysight Technologies N5172B Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
02 | Keysight | EXG X-Series Signal Generators N5171B Analog & N5172B Vector - Data Sheet
Definitions and conditions....................................................................................................... 2
Frequency specifications......................................................................................................... 3
Amplitude specifications ......................................................................................................... 5
Spectral purity specifications ............................................................................................... 10
Analog modulation specifications......................................................................................... 12
Vector modulation specifications - N5172B only................................................................. 17
General specifications ........................................................................................................... 28
Inputs and outputs................................................................................................................. 29
Related literature ................................................................................................................... 31
Optimized for
manufacturing
On the path to faster throughput
and greater uptime, the cost-ef-
fective Keysight Technologies, Inc.
EXG X-Series signal generators are
optimized for manufacturing test.
With analog and vector models,
the EXG provides the signals you’ll
need for basic parametric testing
of components and functional
verification of receivers. Get “just
enough” test at the right price with
the EXG.
Table of Contents
Definitions and Conditions
Specifications represent warranted performance of a calibrated instrument that has
been stored for a minimum of 2 hours within the operating temperature range of 0 to
55 °C, unless otherwise stated, and after a 45 minute warm-up period. The specifications
include measurement uncertainty. Data represented in this document are specifications
unless otherwise noted.
Typical (typ) describes additional product performance information that is not covered
by the product warranty. It is performance beyond specifications that 80 percent of the
units exhibit with a 90 percent confidence level at room temperature (approximately
25 °C). Typical performance does not include measurement uncertainty.
Nominal (nom) values indicate the expect mean or average performance, or an attribute
whose performance is by design, such as the 50 ohm connector. This data is not war-
ranted and is measured at room temperature (approximately 25 °C).
Measured (meas) describes an attribute measured during the design phase for purposes
of communicating expected performance, such as amplitude drift vs. time. This data is
not warranted and is measured at room temperature (approximately 25 °C).


Similar Part No. - N5172B

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
N517 GILWAY-N517 Datasheet
84Kb / 1P
   Neon Glow Lamps (High Brightness) with Dark Effect
logo
Keysight Technologies
N5171B KEYSIGHT-N5171B Datasheet
3Mb / 32P
   EXG X-Series Signal Generators N5171B Analog & N5172B Vector
N5173B KEYSIGHT-N5173B Datasheet
484Kb / 20P
   EXG X-Series Signal Generator N5173B Microwave Analog
logo
Gilway Technical Lamp
N517R1 GILWAY-N517R1 Datasheet
84Kb / 1P
   Neon Glow Lamps (High Brightness) with Dark Effect
More results

Similar Description - N5172B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5171B KEYSIGHT-N5171B Datasheet
3Mb / 32P
   EXG X-Series Signal Generators N5171B Analog & N5172B Vector
N5181B KEYSIGHT-N5181B Datasheet
4Mb / 33P
   MXG X-Series Signal Generators N5181B Analog & N5182B Vector
logo
TEKTRONIX, INC.
TSG4100A TEKTRONIX-TSG4100A Datasheet
1Mb / 24P
   RF Vector Signal Generators
logo
Keysight Technologies
N5173B KEYSIGHT-N5173B Datasheet
484Kb / 20P
   EXG X-Series Signal Generator N5173B Microwave Analog
N5182B KEYSIGHT-N5182B Datasheet
4Mb / 33P
   MXG X-Series Signal Generators
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
PXIE-5673 NI-PXIE-5673 Datasheet
1Mb / 9P
   Vector Signal Generator
logo
Agilent(Hewlett-Packard...
E8267D HP-E8267D Datasheet
753Kb / 32P
   Vector Signal Generator
logo
Keysight Technologies
E8267D KEYSIGHT-E8267D Datasheet
4Mb / 37P
   Vector Signal Generator
logo
Agilent(Hewlett-Packard...
HP8656 HP-HP8656 Datasheet
906Kb / 20P
   ECONOMICAL SYNTHESIZED SIGNAL GENERATORS ANALOG AND DIGITAL MODULATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com