Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5171B Datasheet(PDF) 4 Page - Keysight Technologies

Part # N5171B
Description  EXG X-Series Signal Generators N5171B Analog & N5172B Vector
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5171B Datasheet(HTML) 4 Page - Keysight Technologies

  N5171B Datasheet HTML 1Page - Keysight Technologies N5171B Datasheet HTML 2Page - Keysight Technologies N5171B Datasheet HTML 3Page - Keysight Technologies N5171B Datasheet HTML 4Page - Keysight Technologies N5171B Datasheet HTML 5Page - Keysight Technologies N5171B Datasheet HTML 6Page - Keysight Technologies N5171B Datasheet HTML 7Page - Keysight Technologies N5171B Datasheet HTML 8Page - Keysight Technologies N5171B Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
04 | Keysight | EXG X-Series Signal Generators N5171B Analog & N5172B Vector - Data Sheet
Frequency reference
Accuracy
± (time since last adjustment x aging rate)
± temperature effects
± line voltage effects
± calibration accuracy
Internal time base reference oscillator aging rate 1
≤ ± 5 ppm/10 yrs, < ± 1 ppm/yr
Initial achievable calibration accuracy
± 4 x 10-8 or ± 40 ppb
Adjustment resolution
< 1 x 10-10
Temperature effects
± 1 ppm (0 to 55 °C), nominal
Line voltage effects
± 0.1 ppm, nominal; 5% to –10%, nominal
Reference output
Frequency
10 MHz
Amplitude
≥ +4 dBm, nominal into 50 Ω load
External reference input
Input frequency, standard
10 MHz
Input frequency, Option 1ER
1 to 50 MHz (in multiples of 0.1 Hz)
Stability
Follows the stability of external reference input signal
Lock range
± 1 ppm
Amplitude
> –3.0 to 20 dBm, nominal
Impedance
50 Ω, nominal
Waveform
Sine or square
Sweep modes (frequency and amplitude)
Operating modes
Step sweep (equally spaced frequency and amplitude or logarithmically spaced
frequency steps)
List sweep (arbitrary list of frequency and amplitude steps)
Simultaneously sweep waveforms with N5172B; see Baseband Generator
section for more detail
Sweep range
Within instrument frequency range
Dwell time
100 µs to 100 s
Number of points
2 to 65535 (step sweep)
1 to 3201 (list sweep)
Step change
Linear or logarithmic
Triggering
Free run, trigger key, external, timer, bus (GPIB, LAN, USB)
1.
Not verified by Keysight N7800A TME Calibration and Adjustments Software. Daily aging rate may be verified as a supplementary chargeable service, on
request.


Similar Part No. - N5171B

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
N517 GILWAY-N517 Datasheet
84Kb / 1P
   Neon Glow Lamps (High Brightness) with Dark Effect
logo
Keysight Technologies
N5172B KEYSIGHT-N5172B Datasheet
3Mb / 32P
   EXG X-Series Signal Generators N5171B Analog & N5172B Vector
N5173B KEYSIGHT-N5173B Datasheet
484Kb / 20P
   EXG X-Series Signal Generator N5173B Microwave Analog
logo
Gilway Technical Lamp
N517R1 GILWAY-N517R1 Datasheet
84Kb / 1P
   Neon Glow Lamps (High Brightness) with Dark Effect
More results

Similar Description - N5171B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5172B KEYSIGHT-N5172B Datasheet
3Mb / 32P
   EXG X-Series Signal Generators N5171B Analog & N5172B Vector
N5181B KEYSIGHT-N5181B Datasheet
4Mb / 33P
   MXG X-Series Signal Generators N5181B Analog & N5182B Vector
logo
TEKTRONIX, INC.
TSG4100A TEKTRONIX-TSG4100A Datasheet
1Mb / 24P
   RF Vector Signal Generators
logo
Keysight Technologies
N5173B KEYSIGHT-N5173B Datasheet
484Kb / 20P
   EXG X-Series Signal Generator N5173B Microwave Analog
N5182B KEYSIGHT-N5182B Datasheet
4Mb / 33P
   MXG X-Series Signal Generators
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
PXIE-5673 NI-PXIE-5673 Datasheet
1Mb / 9P
   Vector Signal Generator
logo
Agilent(Hewlett-Packard...
E8267D HP-E8267D Datasheet
753Kb / 32P
   Vector Signal Generator
logo
Keysight Technologies
E8267D KEYSIGHT-E8267D Datasheet
4Mb / 37P
   Vector Signal Generator
logo
Agilent(Hewlett-Packard...
HP8656 HP-HP8656 Datasheet
906Kb / 20P
   ECONOMICAL SYNTHESIZED SIGNAL GENERATORS ANALOG AND DIGITAL MODULATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com