Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9331A Datasheet(PDF) 5 Page - Keysight Technologies

Part # M9331A
Description  Arbitrary Waveform Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9331A Datasheet(HTML) 5 Page - Keysight Technologies

  M9331A Datasheet HTML 1Page - Keysight Technologies M9331A Datasheet HTML 2Page - Keysight Technologies M9331A Datasheet HTML 3Page - Keysight Technologies M9331A Datasheet HTML 4Page - Keysight Technologies M9331A Datasheet HTML 5Page - Keysight Technologies M9331A Datasheet HTML 6Page - Keysight Technologies M9331A Datasheet HTML 7Page - Keysight Technologies M9331A Datasheet HTML 8Page - Keysight Technologies M9331A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
05 Keysight M9331A Arbitrary Waveform Generator Brochure
Dynamic Sequencing (Option 300)
The dynamic sequencing software enables radar and military
communications engineers to build custom signal scenarios on
the fly. Engineers can dynamically access up to 16k of previously
stored sequences through a 16-bit interface and replay these
complex waveforms to respond to changing threat environments,
or to create signals where the next waveform to be played is not
known in advance.
Dynamic Synthesis (Option 330)
The direct digital synthesis (DDS) enables radar and emerging-
communications engineers to create basic waveforms in the
AWG’s memory and then modify their behavior with profiles
for amplitude modulation, phase modulation and frequency
modulation. This enables engineers to simulate testing without
the time and expense of field trials, such as in-flight and in-orbit
testing. This option can also be used to simulate fading profiles
in receiver testing for satellite and 4G signals, such as multiple
input, multiple output formats (MIMO).
Scenarios
16 k entries
16 bit
parallel
port
Sequences
32 k entries
Waveforms
up to 32 k segments
Figure 8. Create signals where the next waveform to be played
is not known in advance.
Figure 9. Define signals by carrier frequency and modulation – instant by instant.
Radar return # 1
Radar return # 2
Radar return # 3
Each radar return varies in time,
frequency, amplitude, and phase
as aircraft approaches target
ENHANCED CAPABILITIES FOR THE M9330A SERIES!


Similar Part No. - M9331A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9336A KEYSIGHT-M9336A Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-001 KEYSIGHT-M9336A-001 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-B12 KEYSIGHT-M9336A-B12 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-B50 KEYSIGHT-M9336A-B50 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
More results

Similar Description - M9331A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
   Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
DG4000 ETC-DG4000 Datasheet
2Mb / 10P
   Function/Arbitrary Waveform Generator
November 2015
logo
Keysight Technologies
M8195S KEYSIGHT-M8195S Datasheet
3Mb / 22P
   GSa/s Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33220A HP-33220A Datasheet
216Kb / 5P
   20 MHz Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com