Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81133A Datasheet(PDF) 2 Page - Keysight Technologies

Part # 81133A
Description  3.35 GHz Pulse Pattern Generators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

81133A Datasheet(HTML) 2 Page - Keysight Technologies

  81133A Datasheet HTML 1Page - Keysight Technologies 81133A Datasheet HTML 2Page - Keysight Technologies 81133A Datasheet HTML 3Page - Keysight Technologies 81133A Datasheet HTML 4Page - Keysight Technologies 81133A Datasheet HTML 5Page - Keysight Technologies 81133A Datasheet HTML 6Page - Keysight Technologies 81133A Datasheet HTML 7Page - Keysight Technologies 81133A Datasheet HTML 8Page - Keysight Technologies 81133A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
02 | Keysight | 81133A and 81134A, 3.35 GHz Pulse Pattern Generators - Data Sheet
81133A and 81134A
3.35 GHz Pulse Pattern Generators
The need for pulse and pattern generation is fundamental to
digital device characterization tasks. The ability to emulate the
pulse and pattern conditions to which the device will encounter
in its final application, is essential. This emulation should include
both typical and worst case conditions. Accurate emulation
requires superlative signal integrity and timing performance
along with full control over parameters that allow specific worst
case testing.
Setting Standards
The Keysight Technologies, Inc. 81133A and 81134A 3.35 GHz
Pulse Pattern Generators provide programmable pulse periods
from 15 MHz (66.6 ns) to 3.35 GHz (298.5 ps) on all channels.
With frequency ranges this fast, the transition time performance
becomes critical; the Keysight 81133A and 81134A perform at
less than 60 ps transition. The Delay Control Input and the Vari-
able Crossover Point functionalities allow fast and easy Signal
Integrity measurements, including emulation of real world signals
by adding jitter to clock or data signals or by distorting the ‘eye’
for eye diagram measurements.
Key Features
– Pulse, Data Pattern and PRBS generation from 15 MHz
up to 3.35 GHz
– Data formats NRZ, RZ and R1
– 12 Mbit pattern memory per channel
– Low jitter, high accuracy
– Fast transition times
– PRBS generation from 25 -1…231 -1
– Delay control input for pre-defined jitter input
– Jitter emulation up to ± 250 ps
– Easy-to-use graphical user interface
– 50 mV to 2 Vpp output amplitude
– Differential outputs
– 1 or 2 channels
Connectors
Front panel connectors
All signal outputs and inputs are accessible at the front panel.
These are:
– 2 (or 4) output connectors for the 1 (or 2) differential
channel(s)
– Trigger output
– Clock input
– Start input
– 1 (or 2) delay control input(s) for the 1 (or 2) channel(s)
Rear panel connectors
Remote programming interfaces: GPIB, LAN, USB 2.0 (see also
‘Additional Features’)
Clock Source
Selecting the clock source determines the origin of the time base.
All other timing parameters are derived from it.
There are two choices:
Internal
The Clock is derived from the internal oscillator.
External
The Clock is derived from the external input. The ext. frequency is
measured once and is thereafter used to maintain the calculated
frequency dependant values including the pulse width or phase if
set to duty cycle mode or phase mode respectively.
External 10 MHz reference
A 10 MHz reference clock can be applied to the clock input. This
clock is used as a reference for all timing parameters.
Direct mode (direct internal/ direct external)
The direct modes allow changes of frequency without dropouts
in the range of 1:2. This can be used for applications, where drop-
outs would make a measurement impossible (e.g.: PLL frequency
sweep, micro processor clock sweep). In both direct modes, the
delay and deskew of all channels is set to zero (deskewed at the
connectors) and can’t be changed. Square mode, data mode
(NRZ only) and PRBS mode (NRZ only) are available. In ‘Direct
External’ mode the PLL is bypassed and the instrument exactly
follows the externally attached frequency.


Similar Part No. - 81133A

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8113320 FIBOX-8113320 Datasheet
66Kb / 2P
   Cabinet, PC, Grey door
11.01.2023
8113325 FIBOX-8113325 Datasheet
67Kb / 2P
   Cabinet, PC, Grey door
11.01.2023
8113330 FIBOX-8113330 Datasheet
442Kb / 2P
   CABPC302018 G
11.01.2023
8113331 FIBOX-8113331 Datasheet
60Kb / 2P
   Cabinet, PC, Grey door
11.01.2023
8113332 FIBOX-8113332 Datasheet
64Kb / 2P
   Cabinet, PC, Grey door
11.01.2023
More results

Similar Description - 81133A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
81134A KEYSIGHT-81134A Datasheet
1Mb / 10P
   3.35 GHz Pulse Pattern Generators
81100 KEYSIGHT-81100 Datasheet
174Kb / 13P
   Pulse Pattern Generators
logo
Johanson Technology Inc...
3350BP39A0500 JOHANSON-3350BP39A0500 Datasheet
124Kb / 2P
   3.35 GHz Band Pass Filter
logo
Pico Technology Ltd.
PG900 PICO-PG900 Datasheet
2Mb / 12P
   USB differential pulse generators
logo
Keysight Technologies
81160A KEYSIGHT-81160A Datasheet
3Mb / 36P
   Pulse Function Arbitrary Noise Generators
logo
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
   50 MHz Programmable Pulse Generators
logo
Keysight Technologies
81150A KEYSIGHT-81150A Datasheet
3Mb / 36P
   Pulse Function Arbitrary Noise Generators
logo
Hittite Microwave Corpo...
HMC389LP4 HITTITE-HMC389LP4_07 Datasheet
324Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.35 - 3.55 GHz
HMC389LP4 HITTITE-HMC389LP4 Datasheet
271Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.35 - 3.55 GHz
HMC389LP4 HITTITE-HMC389LP4_08 Datasheet
246Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.35 - 3.55 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com