Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1529AAC Datasheet(PDF) 5 Page - Vishay Siliconix

Part # LH1529AAC
Description  Telecom Switch - 1 Form A Solid State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1529AAC Datasheet(HTML) 5 Page - Vishay Siliconix

  LH1529AAC Datasheet HTML 1Page - Vishay Siliconix LH1529AAC Datasheet HTML 2Page - Vishay Siliconix LH1529AAC Datasheet HTML 3Page - Vishay Siliconix LH1529AAC Datasheet HTML 4Page - Vishay Siliconix LH1529AAC Datasheet HTML 5Page - Vishay Siliconix LH1529AAC Datasheet HTML 6Page - Vishay Siliconix LH1529AAC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VISHAY
LH1529AB/ AAC/ AACTR/ BB/ BAC/
Document Number 83827
Rev. 1.2, 06-Oct-03
Vishay Semiconductors
www.vishay.com
5
Figure 9. Output Isolation
Figure 10. Switch Breakdown Voltage vs. Temperature
Figure 11. Leakage Current vs. Applied Voltage
ilh1529ab_08
Frequency (Hz)
100
80
60
40
20
0
VP =10V
RL =50 Ω
102
103
104
105
106
107
ilh1529ab_09
-40
-20
0
20
40
60
80
Ambient Temperature (°C)
8
0
4
2
6
-2
-6
-8
-4
ilh1529ab_10
10
100
1000
10000
0
50
100
150
200
250
300 350
400
Load Voltage (V)
IF =0mA
TA =25°C


Similar Part No. - LH1529AAC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
LH1529AAC INFINEON-LH1529AAC Datasheet
208Kb / 4P
   Telecom Switch - 1 Form A Solid State Relay
March 26, 2000-17
logo
Vishay Siliconix
LH1529AAC VISHAY-LH1529AAC Datasheet
162Kb / 7P
   Telecom Switch 1 Form A Solid-State Relay
Rev. 1.5, 03-Aug-11
logo
Infineon Technologies A...
LH1529AACTR INFINEON-LH1529AACTR Datasheet
208Kb / 4P
   Telecom Switch - 1 Form A Solid State Relay
March 26, 2000-17
logo
Vishay Siliconix
LH1529AACTR VISHAY-LH1529AACTR Datasheet
162Kb / 7P
   Telecom Switch 1 Form A Solid-State Relay
Rev. 1.5, 03-Aug-11
LH1529AAC VISHAY-LH1529AAC_11 Datasheet
162Kb / 7P
   Telecom Switch 1 Form A Solid-State Relay
Rev. 1.5, 03-Aug-11
More results

Similar Description - LH1529AAC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
LH1529AB INFINEON-LH1529AB Datasheet
208Kb / 4P
   Telecom Switch - 1 Form A Solid State Relay
March 26, 2000-17
logo
Vishay Siliconix
LH1529FPTR VISHAY-LH1529FPTR Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.8, 12-Apr-13
LH1529AAC VISHAY-LH1529AAC_11 Datasheet
162Kb / 7P
   Telecom Switch 1 Form A Solid-State Relay
Rev. 1.5, 03-Aug-11
LH1529GP VISHAY-LH1529GP Datasheet
116Kb / 6P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1529FPTR VISHAY-LH1529FPTR_11 Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.7, 03-Aug-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com