Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM361 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM361
Description  High Speed Differential Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM361 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM361 Datasheet HTML 2Page - National Semiconductor (TI) LM361 Datasheet HTML 3Page - National Semiconductor (TI) LM361 Datasheet HTML 4Page - National Semiconductor (TI) LM361 Datasheet HTML 5Page - National Semiconductor (TI) LM361 Datasheet HTML 6Page - National Semiconductor (TI) LM361 Datasheet HTML 7Page - National Semiconductor (TI) LM361 Datasheet HTML 8Page - National Semiconductor (TI) LM361 Datasheet HTML 9Page - National Semiconductor (TI) LM361 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC Test Circuit
DS005708-6
V
IN = ±50 mV
FANOUT = 1
FANOUT = 4
V
+ = +10V
R = 2.4k
R = 680
V
= −10V
C=15 pF
C = 30 pF
V
CC = 5.25V
www.national.com
6


Similar Part No. - LM361

ManufacturerPart No.DatasheetDescription
Seoul Semiconductor
Seoul Semiconductor
LM361 SEOUL-LM361 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM361 SEOUL-LM361 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM361 SEOUL-LM361 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM361 SEOUL-LM361 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM361 SEOUL-LM361 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LM361

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
LM161 TI1-LM161_14 Datasheet
990Kb / 17P
[Old version datasheet]   LM161/LM361 High Speed Differential Comparators
Analog Devices
Analog Devices
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143 Datasheet
577Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
Texas Instruments
Texas Instruments
TL331I TI-TL331I Datasheet
156Kb / 3P
[Old version datasheet]   DIFFERENTIAL COMPARATORS
LM311-MIL TI1-LM311-MIL Datasheet
903Kb / 25P
[Old version datasheet]   Differential Comparators
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz