Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM361 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM361
Description  High Speed Differential Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM361 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM361 Datasheet HTML 1Page - National Semiconductor (TI) LM361 Datasheet HTML 2Page - National Semiconductor (TI) LM361 Datasheet HTML 3Page - National Semiconductor (TI) LM361 Datasheet HTML 4Page - National Semiconductor (TI) LM361 Datasheet HTML 5Page - National Semiconductor (TI) LM361 Datasheet HTML 6Page - National Semiconductor (TI) LM361 Datasheet HTML 7Page - National Semiconductor (TI) LM361 Datasheet HTML 8Page - National Semiconductor (TI) LM361 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics (Continued)
(V
+ = +10V, V
CC = +5V, V
= −10V, T
MIN ≤ TA ≤ TMAX, unless noted)
Limits
Parameter
Conditions
LM161/LM261
LM361
Units
Min
Typ
Max
Min
Typ
Max
V
+=10V,
V
=−10V,V
CC=5.25V,
0˚C
≤T
A≤70˚C
Supply Current I
10
mA
V
+=10V, V=−10V,
Supply Current I
CC
V
CC=5.25V,
18
mA
−55˚C
≤T
A≤125˚C
V
+=10V, V=−10V,
Supply Current I
CC
V
CC=5.25V,
20
mA
0˚C
≤T
A≤70˚C
Transient Response
V
IN = 50 mV overdrive
(Note 4)
Propagation Delay Time (t
pd(0))TA=25˚C
14
20
14
20
ns
Propagation Delay Time (t
pd(1))TA=25˚C
14
20
14
20
ns
Delay Between Output A and B
T
A=25˚C
2
5
2
5
ns
Strobe Delay Time (t
pd(0))TA=25˚C
8
8
ns
Strobe Delay Time (t
pd(1))TA=25˚C
8
8
ns
Note 2: The device may be damaged by use beyond the maximum ratings.
Note 3: Typical thermal impedances are as follows:
Note 4: Measurements using AC Test circuit, Fanout = 1. The devices are faster at low supply voltages.
Note 5: Refer to RETS161X for LM161H and LM161J military specifications.
Note 6: Human body model, 1.5 k
Ω in series with 100 pF.
Typical Performance Characteristics
DS005708-17
Offset Voltage
DS005708-8
Input Currents vs Ambient
Temperature
DS005708-9
Input Characteristics
DS005708-10
www.national.com
4


Similar Part No. - LM361

ManufacturerPart No.DatasheetDescription
Seoul Semiconductor
Seoul Semiconductor
LM361 SEOUL-LM361 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM361 SEOUL-LM361 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM361 SEOUL-LM361 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM361 SEOUL-LM361 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM361 SEOUL-LM361 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LM361

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
LM161 TI1-LM161_14 Datasheet
990Kb / 17P
[Old version datasheet]   LM161/LM361 High Speed Differential Comparators
Analog Devices
Analog Devices
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143 Datasheet
577Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
Texas Instruments
Texas Instruments
TL331I TI-TL331I Datasheet
156Kb / 3P
[Old version datasheet]   DIFFERENTIAL COMPARATORS
LM311-MIL TI1-LM311-MIL Datasheet
903Kb / 25P
[Old version datasheet]   Differential Comparators
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz