Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR1050A-100Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRR1050A-100Y
Description  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1050A-100Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRR1050A-100Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR1050A-100Y Datasheet HTML 2Page - Bourns Electronic Solutions SRR1050A-100Y Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SRF0504Series-LineFilter
Inductance vs. IDC
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
SRR1050ASeries-ShieldedPowerInductors
Temperature vs. IDC
0
0
0.5
1.0
1.5
2.0
2.5
24
68
10
12
14
IDC (A)
01
23
45
6
IDC (A)
0
0.3
0.6
0.9
1.2
1.5
IDC (A)
0
0.9
1.8
2.7
3.6
4.5
IDC (A)
0
3
6
9
12
0
8
16
24
32
L @ 25 °C
L @ 125 °C
0
50
100
150
200
250
0
20
40
60
80
100
02
46
8101214
IDC (A)
01
23
45
67
IDC (A)
0
0.3
0.6
0.9
1.2
1.5
IDC (A)
0
0.9
1.8
2.7
3.6
4.5
IDC (A)
0
20
40
60
80
0
10
20
30
40
50
60
0
20
40
60
80
100
L @ 25 °C
L @ 125 °C
L @ 25 °C
L @ 125 °C
L @ 25 °C
L @ 125 °C
T (°C)
T (°C)
T (°C)
T (°C)
SRR1050A-2R2Y
SRR1050A-100Y
SRR1050A-270Y
SRR1050A-221Y
SRR1050A-2R2Y
SRR1050A-100Y
SRR1050A-270Y
SRR1050A-221Y


Similar Part No. - SRR1050A-100Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1050HA BOURNS-SRR1050HA Datasheet
728Kb / 5P
   Shielded Power Inductors
Mar 31, 2015
SRR1050HA-100Y BOURNS-SRR1050HA-100Y Datasheet
728Kb / 5P
   Shielded Power Inductors
Mar 31, 2015
SRR1050HA-101Y BOURNS-SRR1050HA-101Y Datasheet
728Kb / 5P
   Shielded Power Inductors
Mar 31, 2015
SRR1050HA-120Y BOURNS-SRR1050HA-120Y Datasheet
728Kb / 5P
   Shielded Power Inductors
Mar 31, 2015
SRR1050HA-121Y BOURNS-SRR1050HA-121Y Datasheet
728Kb / 5P
   Shielded Power Inductors
Mar 31, 2015
More results

Similar Description - SRR1050A-100Y

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com