Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDQ2-D24-S5-S Datasheet(PDF) 2 Page - CUI INC

Part # PDQ2-D24-S5-S
Description  DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ2-D24-S5-S Datasheet(HTML) 2 Page - CUI INC

  PDQ2-D24-S5-S Datasheet HTML 1Page - CUI INC PDQ2-D24-S5-S Datasheet HTML 2Page - CUI INC PDQ2-D24-S5-S Datasheet HTML 3Page - CUI INC PDQ2-D24-S5-S Datasheet HTML 4Page - CUI INC PDQ2-D24-S5-S Datasheet HTML 5Page - CUI INC PDQ2-D24-S5-S Datasheet HTML 6Page - CUI INC PDQ2-D24-S5-S Datasheet HTML 7Page - CUI INC PDQ2-D24-S5-S Datasheet HTML 8Page - CUI INC PDQ2-D24-S5-S Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
cui.com
date 07/26/2016
│ page 2 of 10
CUI Inc
│ SERIES: PDQ2-S │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
5 Vdc input models
12 Vdc input models
24 Vdc input models
48 Vdc input models
4.5
9
18
36
5
12
24
48
9
18
36
75
Vdc
Vdc
Vdc
Vdc
surge voltage
for maximum of 100 ms
5 Vdc input models
12 Vdc input models
24 Vdc input models
48 Vdc input models
15
25
50
100
Vdc
Vdc
Vdc
Vdc
current
5 Vdc input models
12 Vdc input models
24 Vdc input models
48 Vdc input models
580
280
140
70
mA
mA
mA
mA
under voltage shutdown
5 Vdc input models, power up
5 Vdc input models, power down
3
4.2
Vdc
Vdc
12 Vdc input models, power up
12 Vdc input models, power down
5.8
7.3
Vdc
Vdc
24 Vdc input models, power up
24 Vdc input models, power down
12
15.5
Vdc
Vdc
48 Vdc input models, power up
48 Vdc input models, power down
24
31
Vdc
Vdc
remote on/off3
turn on (<0.8 Vdc or open circuit)
turn off (4~15 Vdc)
filter
capacitive
input reverse polarity protection no
input fuse
1 A time delay fuse for 5 Vdc input models (recommended)
0.5 A time delay fuse for 12 Vdc input models (recommended)
0.25 A time delay fuse for 24 & 48 Vdc input models (recommended)
Notes:
3. CMOS or open collector TTL, reference to –Vin.
PART NUMBER KEY
Base Number
Packaging Style:
S = SIP
PDQ2 - DXX - X XX - S
Output
S = single
D = dual
Input Voltage
Output Voltage
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PDQ2-D48-D5-S
48
36~75
±5
0
±200
2
75
78
PDQ2-D48-D12-S
48
36~75
±12
0
±83
2
75
82
PDQ2-D48-D15-S
48
36~75
±15
0
±67
2
75
84
Notes:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope.
2. All specifications are measured at Ta=25°C, nominal input voltage, and rated output load unless otherwise specified.
For more information, please visit the product page.


Similar Part No. - PDQ2-D24-S5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDQ2-D24-S5-S CUI-PDQ2-D24-S5-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PDQ2-D24-S5-S CUI-PDQ2-D24-S5-S Datasheet
4Mb / 20P
   DC-DC CONVERTER
07/12/2021
More results

Similar Description - PDQ2-D24-S5-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com