Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA26 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PA26
Description  POWER DUAL OPERATIONAL AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA26 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PA26 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA26 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA26 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA26 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA26 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
ADDITIONAL PA26 PIN FUNCTIONS
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA21/25/26U REV. G FEBRUARY 2000
© 2000 Apex Microtechnology Corp.
Figure 3 shows a bootstrap which dynamically couples the
output waveform onto the V
BOOST pin. This causes VBOOST to
swing positive from it's initial value, which is equal to +V
S -0.7 V
(one diode drop), an amount equal to the output. In other
words, if V
BOOST was initially 19.3, and the output swings
positive 18 Volts, the voltage on the V
BOOST pin will swing to 19.3
-0.7 + 18 or 36.6. The capacitor needs to be sized based on a
1K
Ω impedance and the lowest frequency required by the
circuit. For example, 20Hz will require > 8uF.
ISENSE
The I
SENSE pin is in series with the negative half of the output
stage only. Current will flow through this pin only when nega-
tive current is being outputted. The current that flows in this pin
is the same current that flows in the output (if –1A flows in the
output, the I
SENSE pin will have 1A of current flow, if +1A flows
in the output the I
SENSE pin will have 0 current flow).
The resistor choice is arbitrary and is selected to provide
whatever voltage drop the engineer desires, up to a maximum
of 1.0 volt. However, any voltage dropped across the resistor
will subract from the swing to rail. For instance, assume a +/–
12 volt power supply and a load that requires +/–1A. With no
current sense resistor the output could swing +/–10.2 volts. If
a 1
Ω resistor is used for current sense (which will drop 1 Volt
at 1 Amp) then the output could swing +10.2, –9.2 Volts.
Figure 4 shows the PA26 I
SENSE feature being used to obtain
a Transconductance function. In this example, amplifier "A" is
the master and amplifier "B" is the slave. Feedback from
sensing resistors R
S is applied to the summing network and
scaled to the inverting input of amplifier "A" where it is com-
pared to the input voltage. The current sensing feedback
imparts a Transconductance feature to the amplifiers transfer
function. In other words, the voltage developed across the
sensing resistors is directly proportional to the output current.
Using this voltage as a feedback source allows expressing the
gain of the circuit in amperes vs input voltage. The transfer
funcion is approximately:
I
L= (VIN – VREF) *R
IN/ RFB/ Rs
In the illustration, resistors R
IN, RFB and RS determine gain.
VBIAS should be set midway between +Vs and -Vs, Vref is
usually ground in dual supply systems or used for level
translation in single supply systems.
MOUNTING PRECAUTIONS
1. Always use a heat sink. Even unloaded, the PA26 can
dissipate up to 3.6 watts. A thermal washer or thermal
grease should always be used.
2. Avoid bending the leads. Such action can lead to internal
damage.
3. Always fasten the tab to the heat sink before the leads are
soldered to fixed terminals.
4. Strain relief must be provided if there is any probability of
axial stress to the leads.
10
3
7
5
8
PA26A
PA26B
+V
S ≤ 20V
D
B1
D
B2
C
B1
SPEAKER
C
B2
FIGURE 3. SIMPLE BOOTSTRAPPING IMPROVES POSITIVE
OUTPUT SWING. CONNECT PINS 3 AND 10 TO VS IF NOT
USED. TYPICAL CURRENTS ARE 12mA EACH.
The V
BOOST pin is the positive terminal for the load of the
second stage of the amplifier. When that terminal is connected
to a voltage greater than +V
S it will provide more drive to the
upper output transistor, which is a darlington connected emit-
ter follower. This will better saturate the output transistor.
When V
BOOST is about 5 Volts greater than +VS the positive
output can swing 0.5 Volts closer to the rail. This is as much
improvement as is possible.
V
BOOST
pin requires approximately 10–12mA of current.
Dynamically it represents 1K
Ω impedance. The maximum
voltage that can be applied to V
BOOST is 40 volts with respect to
–V
S . There is no limit to the difference between +VS and VBOOST.
OPERATING
CONSIDERATIONS
PA21/25/26 • PA21A/25A
VBOOST
A
B
VBIAS
+VS
VIN
VREF
–VS OR GND
RS
RS
IL
RL
RIN
RIN
R
PA26
R
RFB
RFB
FIGURE 4. ISENSE TRANSCONDUCTANCE BRIDGING
AMPLIFIER


Similar Part No. - PA26

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2607.121NL PULSE-PA2607.121NL Datasheet
487Kb / 2P
   Power Beads - PA2607NL and PA2607AHL Series
PA2607.121NL PULSE-PA2607.121NL Datasheet
564Kb / 3P
   SMT Power Inductor
PA2607.151NL PULSE-PA2607.151NL Datasheet
487Kb / 2P
   Power Beads - PA2607NL and PA2607AHL Series
PA2607.151NL PULSE-PA2607.151NL Datasheet
564Kb / 3P
   SMT Power Inductor
PA2607.181NL PULSE-PA2607.181NL Datasheet
487Kb / 2P
   Power Beads - PA2607NL and PA2607AHL Series
More results

Similar Description - PA26

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
110Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 APEX-PA74 Datasheet
288Kb / 4P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272_03 Datasheet
889Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
L272D013TR STMICROELECTRONICS-L272D013TR Datasheet
898Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 CIRRUS-PA74 Datasheet
212Kb / 5P
   Power Dual Operational Amplifiers
PA75 APEX-PA75 Datasheet
337Kb / 4P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA75CC ETC2-PA75CC Datasheet
773Kb / 5P
   Dual Power Operational Amplifiers
logo
Cirrus Logic
PA75 CIRRUS-PA75 Datasheet
176Kb / 4P
   Dual Power Operational Amplifiers
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com