Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCN1-S5-S15-M Datasheet(PDF) 1 Page - CUI INC

Part # PCN1-S5-S15-M
Description  DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCN1-S5-S15-M Datasheet(HTML) 1 Page - CUI INC

  PCN1-S5-S15-M Datasheet HTML 1Page - CUI INC PCN1-S5-S15-M Datasheet HTML 2Page - CUI INC PCN1-S5-S15-M Datasheet HTML 3Page - CUI INC PCN1-S5-S15-M Datasheet HTML 4Page - CUI INC PCN1-S5-S15-M Datasheet HTML 5Page - CUI INC PCN1-S5-S15-M Datasheet HTML 6Page - CUI INC PCN1-S5-S15-M Datasheet HTML 7Page - CUI INC PCN1-S5-S15-M Datasheet HTML 8Page - CUI INC PCN1-S5-S15-M Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
cui.com
date 07/26/2016
page 1 of 9
SERIES: PCN1-M
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• up to 1 W isolated output
• industry standard surface mount package
• nominal input voltages: 5, 12 Vdc
• single/dual unregulated output
• 1,500 Vdc isolation voltage
• low ripple and noise
• -40 to 100°C
• efficiency up to 81%
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PCN1-S5-S5-M
5
4.5~5.5
5
0
200
1
75
79
PCN1-S5-S12-M
5
4.5~5.5
12
0
84
1
75
79
PCN1-S5-S15-M
5
4.5~5.5
15
0
67
1
75
79
PCN1-S5-D5-M
5
4.5~5.5
±5
0
±100
1
75
74
PCN1-S5-D12-M
5
4.5~5.5
±12
0
±42
1
75
78
PCN1-S5-D15-M
5
4.5~5.5
±15
0
±33
1
75
78
PCN1-S12-S5-M
12
10.8~13.2
5
0
200
1
75
80
PCN1-S12-S12-M
12
10.8~13.2
12
0
84
1
75
81
PCN1-S12-S15-M
12
10.8~13.2
15
0
67
1
75
81
PCN1-S12-D5-M
12
10.8~13.2
±5
0
±100
1
75
77
PCN1-S12-D12-M
12
10.8~13.2
±12
0
±42
1
75
80
PCN1-S12-D15-M
12
10.8~13.2
±15
0
±33
1
75
81
Notes:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope, with a 0.33 µF ceramic capacitor on the output.
2. Required to add a 2.2 µF ceramic capacitor to the input to reduce input voltage stress.
3. All specifications are measured at Ta=25°C, nominal input voltage, and rated output load unless otherwise specified.
PART NUMBER KEY
Base Number
Packaging Style:
SMT
PCN1 - SXX - X XX - M - X
Output
S = single
D = dual
Input Voltage
Output Voltage
Package options
“blank”= standard
TR = Tape & Reel
For more information, please visit the product page.


Similar Part No. - PCN1-S5-S15-M

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCN1-S5-S15-M CUI-PCN1-S5-S15-M Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN1-S5-S15-M CUI-PCN1-S5-S15-M Datasheet
3Mb / 9P
   DC-DC CONVERTER
07/01/2021
More results

Similar Description - PCN1-S5-S15-M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com