Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBO-5-S3.3 Datasheet(PDF) 1 Page - CUI INC

Part # PBO-5-S3.3
Description  AC-DC POWER SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-5-S3.3 Datasheet(HTML) 1 Page - CUI INC

  PBO-5-S3.3 Datasheet HTML 1Page - CUI INC PBO-5-S3.3 Datasheet HTML 2Page - CUI INC PBO-5-S3.3 Datasheet HTML 3Page - CUI INC PBO-5-S3.3 Datasheet HTML 4Page - CUI INC PBO-5-S3.3 Datasheet HTML 5Page - CUI INC PBO-5-S3.3 Datasheet HTML 6Page - CUI INC PBO-5-S3.3 Datasheet HTML 7Page - CUI INC PBO-5-S3.3 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
cui.com
date 10/18/2016
page 1 of 8
SERIES: PBO-5
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PBO-5-S3.3
3.3
0
1000
3.3
150
67
PBO-5-S5
5
0
1000
5
150
74
PBO-5-S9
9
0
560
5
150
75
PBO-5-S12
12
0
420
5
150
76
PBO-5-S15
15
0
340
5
150
77
PBO-5-S24
24
0
210
5
150
79
Notes:
1.Atfullload,nominalinput,20MHzbandwidthoscilloscope,witha1μFceramicand10μFelectrolytyiccapacitorontheoutput.
2. At 230 Vac input.
3.AllspecificationsaremeasuredatTa=25°C,humidity<75%,115or230Vacinputvoltage,andratedoutputloadunlessotherwisespecified.
FEATURES
•upto5Wcontinuouspower
•ultra-compactSIPpackage
•wideinputvoltagerange
•overcurrentandshortcircuitprotections
• 3,000 Vac isolation
•UL60950-1,CEsafetyapprovals
•efficiencyupto79%
PART NUMBER KEY
BaseNumber
PBO-5 - S XX
OutputVoltage
For more information, please visit the product page.


Similar Part No. - PBO-5-S3.3

ManufacturerPart #DatasheetDescription
logo
CUI INC
PBO-5-S3.3 CUI-PBO-5-S3.3 Datasheet
1Mb / 10P
   AC-DC POWER SUPPLY
01/20/2022
More results

Similar Description - PBO-5-S3.3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com