Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQXC-33 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # IQXC-33
Description  Quartz Crystal Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXC-33 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  IQXC-33 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXC-33 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IQXC-33
Quartz Crystal Specification
ISSUE 2; March 2016
Outline (mm)
Description
Industry standard package SMD crystal.
Resistance welded, hermetically sealed in an inert
atmosphere, glass to metal seals on leads. Lead wires are
mounted onto a plastic former to create a gull wing mount.
Suitable for Industrial applications qualified to AEC-Q200.
Please see our HC49/4HSMX for standard stock alternative.
Frequency Parameters
Frequency
3.01MHz to 100.0MHz
±10.00ppm to ±50.00ppm
Frequency Tolerance
Frequency Stability
±15.00ppm to ±100.00ppm
±5ppm max per year @ 25°C
Ageing
Electrical Parameters
16.0pF
Load Capacitance (CL)
7pF max
Shunt Capacitance (C0)
50µW standard
Drive Level
Operating Temperature Ranges
-40 to 85°C
-20 to 125°C
Environmental Parameters
Storage Temperature Range: –40 to 150°C
Qualified to AEC-Q200
Ordering Information
Frequency*
Model*
Frequency Tolerance (@25°C)*
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Load Capacitance*
Overtone*
Example
10.0MHz IQXC-33
30/50/–40 to 85C/16 FUND
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Loose in bulk pack
Pack Style: Bulk
Pack Size: 100
Printed on 25 Apr 16 12:32 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXC-33

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXC-30 IQD-IQXC-30 Datasheet
654Kb / 2P
   Quartz Crystal Specification
IQXC-31 IQD-IQXC-31 Datasheet
427Kb / 2P
   Quartz Crystal Specification
IQXC-32 IQD-IQXC-32 Datasheet
275Kb / 2P
   Quartz Crystal Specification
More results

Similar Description - IQXC-33

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
   Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
   Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
   Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
   Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
   Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
   Quartz Crystal Specification
4SMX IQD-4SMX Datasheet
250Kb / 2P
   Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
   Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
   Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
   Quartz Crystal Specification
IQXC-30 IQD-IQXC-30 Datasheet
654Kb / 2P
   Quartz Crystal Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com